Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPLCFL8U Datasheet(PDF) 7 Page - International Rectifier

Part # IRPLCFL8U
Description  Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLCFL8U Datasheet(HTML) 7 Page - International Rectifier

Back Button IRPLCFL8U Datasheet HTML 3Page - International Rectifier IRPLCFL8U Datasheet HTML 4Page - International Rectifier IRPLCFL8U Datasheet HTML 5Page - International Rectifier IRPLCFL8U Datasheet HTML 6Page - International Rectifier IRPLCFL8U Datasheet HTML 7Page - International Rectifier IRPLCFL8U Datasheet HTML 8Page - International Rectifier IRPLCFL8U Datasheet HTML 9Page - International Rectifier IRPLCFL8U Datasheet HTML 10Page - International Rectifier IRPLCFL8U Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.irf.com
- 7 -
RD0803
New Solution: IRPLCFL8U
A completely new approach has been developed that overcomes all of the above
limitations. The IRPLCFL8U reference design kit consists of a dimming Fluorescent
ballast, with a 3 way dimming switch, driving a single 32W CFL lamp. The design
contains
an
EMI
filter
and
a
dimming
ballast
control
circuit
using
the
IRS2530D(DIM8
TM). The component count for the IRPLCFL8U, shown in figure 3.1, is
50 parts. This demo board is intended to help with the evaluation of the IRS2530D
dimming ballast control IC, demonstrate PCB layout techniques and serve as an aid in
the development of production ballasts using the IRS2530D.


Similar Part No. - IRPLCFL8U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
   POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 220VAC Input
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 120VAC Input
More results

Similar Description - IRPLCFL8U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM5E IRF-IRPLDIM5E Datasheet
506Kb / 17P
   4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM3 IRF-IRPLDIM3 Datasheet
699Kb / 27P
   IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
logo
Micro Linear Corporatio...
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
   Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
   Compact Fluorescent Electronic Dimming Ballast Controller
logo
International Rectifier
IRPLLNR3 IRF-IRPLLNR3 Datasheet
329Kb / 27P
   Universal Input Linear Fluorescent Ballast using the IR2167
logo
STMicroelectronics
EVAL6574B STMICROELECTRONICS-EVAL6574B Datasheet
398Kb / 8P
   CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
May 2013 Rev 1
logo
NXP Semiconductors
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
   Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com