Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPLCFL8U Datasheet(PDF) 4 Page - International Rectifier

Part # IRPLCFL8U
Description  Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLCFL8U Datasheet(HTML) 4 Page - International Rectifier

  IRPLCFL8U Datasheet HTML 1Page - International Rectifier IRPLCFL8U Datasheet HTML 2Page - International Rectifier IRPLCFL8U Datasheet HTML 3Page - International Rectifier IRPLCFL8U Datasheet HTML 4Page - International Rectifier IRPLCFL8U Datasheet HTML 5Page - International Rectifier IRPLCFL8U Datasheet HTML 6Page - International Rectifier IRPLCFL8U Datasheet HTML 7Page - International Rectifier IRPLCFL8U Datasheet HTML 8Page - International Rectifier IRPLCFL8U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.irf.com
- 4 -
RD0803
One strategy that has been used is to omit the preheating phase and steer the
oscillator frequency to resonance during ignition using feedback from the output circuit.
This ensures that at switch-on the highest possible ignition voltage will be applied to the
lamp. In this way the lamp will ignite in whichever position the 3 way switch is set.
Such a scheme could reliably ignite the lamp when the DC bus is at 300V, however
without correct preheating the ignition voltage of the lamp and consequently the peak
current in the MOSFET half bridge during ignition will be higher. Also the life of the
lamp is substantially reduced when there is no preheat due to far greater stress
occurring on the cathodes at the point of ignition.
Ignition when the DC bus voltage is at 150V is very difficult. Tests indicated that
sweeping the frequency down through resonance sometimes failed to produce
sufficient ignition voltage leaving the ballast in open circuit running mode. The
conclusion from this is that the ballast needs to oscillate at resonance for an extended
period of time in order for the lamp to ignite at 150V considering that the output inductor
and capacitor have been designed to produce 100% lamp power at 300VDC bus when
the frequency is 40-45kHz.
Many CFL ballast designs do not incorporate a current sense and shutdown function to
protect the circuit in the case of ignition failure and so the ballast would eventually fail if
left switched on due to the high MOSFET switching losses causing thermal destruction.
This would not matter with and integrated ballast / lamp type product when the lamp
has failed.
It has also been observed that hard switching occurs at the MOSFET half bridge when
the DC bus voltage is low in position 1 since when the ballast is running it will be close
to resonance, bearing in mind that the resonant frequency shifts downwards in run
mode. Hard switching is very undesirable because of the high peak currents that occur
when each MOSFET switches on. This has been shown to result in a higher rate of
field failures in ballasts due to MOSFET failure.
The conclusion is that the approach to design described above is unable to provide a
reliable ballast.
The dimming level can also be controlled by simply changing the frequency. By
changing the frequency between 3 defined settings, however, it was found to be
extremely difficult to set a point where the dim level is 50%. The problem with this is
that the lamp current against ballast frequency characteristic of the system exhibits a
very sharp knee such that as the frequency increases the lamp current is gradually
reduced up to a point at which a small increase of frequency will result in a very large
reduction in the lamp current.


Similar Part No. - IRPLCFL8U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
   POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 220VAC Input
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 120VAC Input
More results

Similar Description - IRPLCFL8U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM5E IRF-IRPLDIM5E Datasheet
506Kb / 17P
   4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM3 IRF-IRPLDIM3 Datasheet
699Kb / 27P
   IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
logo
Micro Linear Corporatio...
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
   Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
   Compact Fluorescent Electronic Dimming Ballast Controller
logo
International Rectifier
IRPLLNR3 IRF-IRPLLNR3 Datasheet
329Kb / 27P
   Universal Input Linear Fluorescent Ballast using the IR2167
logo
STMicroelectronics
EVAL6574B STMICROELECTRONICS-EVAL6574B Datasheet
398Kb / 8P
   CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
May 2013 Rev 1
logo
NXP Semiconductors
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
   Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com