Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP26CN10NG Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP26CN10NG
Description  OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP26CN10NG Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPP26CN10NG Datasheet HTML 2Page - Infineon Technologies AG IPP26CN10NG Datasheet HTML 3Page - Infineon Technologies AG IPP26CN10NG Datasheet HTML 4Page - Infineon Technologies AG IPP26CN10NG Datasheet HTML 5Page - Infineon Technologies AG IPP26CN10NG Datasheet HTML 6Page - Infineon Technologies AG IPP26CN10NG Datasheet HTML 7Page - Infineon Technologies AG IPP26CN10NG Datasheet HTML 8Page - Infineon Technologies AG IPP26CN10NG Datasheet HTML 9Page - Infineon Technologies AG IPP26CN10NG Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IPB26CN10N G IPD25CN10N G
IPI26CN10N G IPP26CN10N G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=35 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS
parameter: I D
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
98 %
0
20
40
60
-60
-20
20
60
100
140
180
T j [°C]
39 µA
390 µA
0
0.5
1
1.5
2
2.5
3
3.5
4
-60
-20
20
60
100
140
180
T j [°C]
0
Ciss
Coss
Crss
10
4
10
3
10
2
10
1
10
0
0
2040
6080
V DS [V]
25 °C
175 °C
25 °C, 98%
175 °C, 98%
1
10
100
1000
0
0.5
1
1.5
2
V SD [V]
Rev. 1.08
page 6
2010-04-28


Similar Part No. - IPP26CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP26CN10NG INFINEON-IPP26CN10NG Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP26CN10NG INFINEON-IPP26CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.09 2013-07-09
More results

Similar Description - IPP26CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPDH6N03LA INFINEON-IPDH6N03LA_08 Datasheet
542Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.5 2008-04-14
SPD50N03S2-07 INFINEON-SPD50N03S2-07_08 Datasheet
647Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
SPD30N03S2L-07 INFINEON-SPD30N03S2L-07_08 Datasheet
658Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
IPB12CNE8N INFINEON-IPB12CNE8N_07 Datasheet
552Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.05 2007-08-29
SPD30N03S2L-20 INFINEON-SPD30N03S2L-20_08 Datasheet
687Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level
02-09-2008
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com