Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7110 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TDA7110
Description  ASK/FSK Transmitter 868/433 MHz
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA7110 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TDA7110 Datasheet HTML 6Page - Infineon Technologies AG TDA7110 Datasheet HTML 7Page - Infineon Technologies AG TDA7110 Datasheet HTML 8Page - Infineon Technologies AG TDA7110 Datasheet HTML 9Page - Infineon Technologies AG TDA7110 Datasheet HTML 10Page - Infineon Technologies AG TDA7110 Datasheet HTML 11Page - Infineon Technologies AG TDA7110 Datasheet HTML 12Page - Infineon Technologies AG TDA7110 Datasheet HTML 13Page - Infineon Technologies AG TDA7110 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Functional Description
2 - 4
TDA7110
Wireless Components
Data Sheet, December 2008
4
LF
Output of the charge pump and input of the
VCO control voltage.
The loop bandwidth of the PLL is 150 kHz
when only the internal loop filter is used.
The loop bandwidth may be reduced by
applying an external RC network referencing
to the positive supply VS (pin 3).
5
GND
General ground connection.
6
ASKDTA
Digital amplitude modulation can be
imparted to the Power Amplifier through this
pin.
A logic high (ASKDTA > 1.5 V or open)
enables the Power Amplifier.
A logic low (ASKDTA < 0.5 V)
disables the Power Amplifier.
7
FSKDTA
Digital frequency modulation can be
imparted to the Xtal Oscillator by this pin.
The VCO-frequency varies in accordance to
the frequency of the reference oscillator.
A logic high (FSKDTA > 1.5V or open)
sets the FSK switch to a high impedance
state.
A logic low (FSKDTA < 0.5 V)
closes the FSK switch
from FSKOUT (pin 11) to FSKGND (pin 12).
A capacitor can be switched to the reference
crystal network this way. The Xtal Oscillator
frequency will be shifted giving the designed
FSK frequency deviation.
V
S
10 k
Ω
4
35 k
Ω
15 pF
140 pF
+1.2 V
90 k
Ω
6
50 pF
30
μA
60 k
Ω
+1.1 V
+1.2 V
90 k
Ω
7
60 k
Ω
+1.1 V
30
μA


Similar Part No. - TDA7110

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
More results

Similar Description - TDA7110

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
   ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
   ISM 433/315 MHz FSK/ASK Transmitter
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
   868/915MHz FSK/ASK Transmitter
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
   868/915MHz FSK/ASK Transmitter
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com