Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPU050N03LG Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPU050N03LG
Description  Fast switching MOSFET for SMPS Optimized technology for DC/DC converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU050N03LG Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPU050N03LG Datasheet HTML 3Page - Infineon Technologies AG IPU050N03LG Datasheet HTML 4Page - Infineon Technologies AG IPU050N03LG Datasheet HTML 5Page - Infineon Technologies AG IPU050N03LG Datasheet HTML 6Page - Infineon Technologies AG IPU050N03LG Datasheet HTML 7Page - Infineon Technologies AG IPU050N03LG Datasheet HTML 8Page - Infineon Technologies AG IPU050N03LG Datasheet HTML 9Page - Infineon Technologies AG IPU050N03LG Datasheet HTML 10Page - Infineon Technologies AG IPU050N03LG Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IPD050N03L G
IPF050N03L G
IPS050N03L G
IPU050N03L G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=30 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
20
22
24
26
28
30
32
34
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
150 °C
10
3
10
2
10
1
10
0
10
-1
1
10
100
t AV [µs]
6 V
15 V
24 V
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
40
Q gate [nC]
Rev. 1.02
page 7
2008-04-15


Similar Part No. - IPU050N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPU050N03LG INFINEON-IPU050N03LG Datasheet
1,006Kb / 12P
   OptiMOS짰3 Power-Transistor
Rev. 2.0 2013-10-28
More results

Similar Description - IPU050N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA041N04NG INFINEON-IPA041N04NG Datasheet
1Mb / 12P
   Optimized technology for DC/DC converters
Rev.2.0,2014-03-12
IPB015N08N5 INFINEON-IPB015N08N5 Datasheet
1Mb / 12P
   Optimized technology for DC/DC converters
Rev.2.1,2015-10-15
IPF135N03LG INFINEON-IPF135N03LG Datasheet
536Kb / 12P
   OptiMOS 3 Power-Transistor Features Optimized technology for DC/DC converters
Rev. 1.0 2006-10-23
logo
Rohm
BA9700A ROHM-BA9700A Datasheet
141Kb / 7P
   Switching regulator for DC / DC Converters
logo
International Rectifier
IRF7811W IRF-IRF7811W Datasheet
146Kb / 6P
   Power MOSFET for DC-DC Converters
IRF7822 IRF-IRF7822 Datasheet
71Kb / 6P
   Power MOSFET for DC-DC Converters
IRLR8503 IRF-IRLR8503 Datasheet
101Kb / 8P
   HEXFET MOSFET for DC-DC Converters
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
International Rectifier
IRF7828 IRF-IRF7828 Datasheet
479Kb / 6P
   HEXFET Power MOSFET for DC-DC Converters
IRF7811WPBF IRF-IRF7811WPBF Datasheet
543Kb / 6P
   HEXFET짰 Power MOSFET for DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com