Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD050N03L Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD050N03L
Description  Fast switching MOSFET for SMPS Optimized technology for DC/DC converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD050N03L Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD050N03L_08 Datasheet HTML 1Page - Infineon Technologies AG IPD050N03L_08 Datasheet HTML 2Page - Infineon Technologies AG IPD050N03L_08 Datasheet HTML 3Page - Infineon Technologies AG IPD050N03L_08 Datasheet HTML 4Page - Infineon Technologies AG IPD050N03L_08 Datasheet HTML 5Page - Infineon Technologies AG IPD050N03L_08 Datasheet HTML 6Page - Infineon Technologies AG IPD050N03L_08 Datasheet HTML 7Page - Infineon Technologies AG IPD050N03L_08 Datasheet HTML 8Page - Infineon Technologies AG IPD050N03L_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IPD050N03L G
IPF050N03L G
IPS050N03L G
IPU050N03L G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
2
10
1
10
0
10
-1
10
3
10
2
10
1
10
0
10
-1
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
0.01
0.1
1
10
00
000
0
1
t p [s]
0
10
20
30
40
50
60
70
0
50
100
150
200
T C [°C]
0
10
20
30
40
50
60
0
50
100
150
200
T C [°C]
Rev. 1.02
page 4
2008-04-15


Similar Part No. - IPD050N03L_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD050N03LG INFINEON-IPD050N03LG Datasheet
1,006Kb / 12P
   OptiMOS짰3 Power-Transistor
Rev. 2.0 2013-10-28
IPD050N03LG INFINEON-IPD050N03LG_13 Datasheet
1,006Kb / 12P
   OptiMOS짰3 Power-Transistor
Rev. 2.0 2013-10-28
More results

Similar Description - IPD050N03L_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA041N04NG INFINEON-IPA041N04NG Datasheet
1Mb / 12P
   Optimized technology for DC/DC converters
Rev.2.0,2014-03-12
IPB015N08N5 INFINEON-IPB015N08N5 Datasheet
1Mb / 12P
   Optimized technology for DC/DC converters
Rev.2.1,2015-10-15
IPF135N03LG INFINEON-IPF135N03LG Datasheet
536Kb / 12P
   OptiMOS 3 Power-Transistor Features Optimized technology for DC/DC converters
Rev. 1.0 2006-10-23
logo
Rohm
BA9700A ROHM-BA9700A Datasheet
141Kb / 7P
   Switching regulator for DC / DC Converters
logo
International Rectifier
IRF7811W IRF-IRF7811W Datasheet
146Kb / 6P
   Power MOSFET for DC-DC Converters
IRF7822 IRF-IRF7822 Datasheet
71Kb / 6P
   Power MOSFET for DC-DC Converters
IRLR8503 IRF-IRLR8503 Datasheet
101Kb / 8P
   HEXFET MOSFET for DC-DC Converters
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
International Rectifier
IRF7828 IRF-IRF7828 Datasheet
479Kb / 6P
   HEXFET Power MOSFET for DC-DC Converters
IRF7811WPBF IRF-IRF7811WPBF Datasheet
543Kb / 6P
   HEXFET짰 Power MOSFET for DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com