Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PH42UD1-EP Datasheet(PDF) 4 Page - International Rectifier

Part # IRG7PH42UD1-EP
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH42UD1-EP Datasheet(HTML) 4 Page - International Rectifier

  IRG7PH42UD1-EP Datasheet HTML 1Page - International Rectifier IRG7PH42UD1-EP Datasheet HTML 2Page - International Rectifier IRG7PH42UD1-EP Datasheet HTML 3Page - International Rectifier IRG7PH42UD1-EP Datasheet HTML 4Page - International Rectifier IRG7PH42UD1-EP Datasheet HTML 5Page - International Rectifier IRG7PH42UD1-EP Datasheet HTML 6Page - International Rectifier IRG7PH42UD1-EP Datasheet HTML 7Page - International Rectifier IRG7PH42UD1-EP Datasheet HTML 8Page - International Rectifier IRG7PH42UD1-EP Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRG7PH42UD1PbF/IRG7PH42UD1-EP
4
www.irf.com
Fig. 8 - Typ. Diode Forward Voltage Drop
Characteristics
Fig. 9 - Typical VCE vs. VGE
TJ = -40°C
Fig. 10 - Typical VCE vs. VGE
TJ = 25°C
Fig. 11 - Typical VCE vs. VGE
TJ = 150°C
Fig. 12 - Typ. Transfer Characteristics
VCE = 50V; tp = 10μs
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 15A
ICE = 30A
ICE = 60A
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 15A
ICE = 30A
ICE = 60A
Fig. 7 - Typ. IGBT Output Characteristics
TJ = 150°C; tp = 80μs
0
2
4
6
8
10
VCE (V)
0
20
40
60
80
100
120
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
2468
10
VGE, Gate-to-Emitter Voltage(V)
0
20
40
60
80
100
120
TJ = 25°C
TJ = 150°C
0.0
0.5
1.0
1.5
2.0
VF (V)
0
20
40
60
80
100
120
140
25°C
150°C
510
15
20
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 15A
ICE = 30A
ICE = 60A


Similar Part No. - IRG7PH42UD1-EP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF Datasheet
276Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF Datasheet
276Kb / 9P
   1300Vpk repetitive transient capacity
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF_15 Datasheet
276Kb / 9P
   1300Vpk repetitive transient capacity
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF Datasheet
325Kb / 10P
   Device optimized for induction heating and soft switching applications
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF_15 Datasheet
325Kb / 10P
   Device optimized for induction heating and soft switching applications
More results

Similar Description - IRG7PH42UD1-EP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4078DPBF IRF-IRGP4078DPBF Datasheet
828Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF Datasheet
406Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGP4068DPBF IRF-IRGP4068DPBF Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF_15 Datasheet
325Kb / 10P
   Device optimized for induction heating and soft switching applications
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF Datasheet
295Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF Datasheet
276Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF Datasheet
398Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRGR2B60KDPBF IRF-IRGR2B60KDPBF Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRGR2B60KDPBF IRF-IRGR2B60KDPBF_15 Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com