Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PH35UD1PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRG7PH35UD1PBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH35UD1PBF Datasheet(HTML) 3 Page - International Rectifier

  IRG7PH35UD1PBF Datasheet HTML 1Page - International Rectifier IRG7PH35UD1PBF Datasheet HTML 2Page - International Rectifier IRG7PH35UD1PBF Datasheet HTML 3Page - International Rectifier IRG7PH35UD1PBF Datasheet HTML 4Page - International Rectifier IRG7PH35UD1PBF Datasheet HTML 5Page - International Rectifier IRG7PH35UD1PBF Datasheet HTML 6Page - International Rectifier IRG7PH35UD1PBF Datasheet HTML 7Page - International Rectifier IRG7PH35UD1PBF Datasheet HTML 8Page - International Rectifier IRG7PH35UD1PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRG7PH35UD1PbF/IRG7PH35UD1-EP
www.irf.com
3
Fig. 1 - Maximum DC Collector Current vs.
Case Temperature
Fig. 2 - Power Dissipation vs. Case
Temperature
Fig. 6 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 30µs
Fig. 5 - Typ. IGBT Output Characteristics
TJ = -40°C; tp = 30µs
Fig. 4 - Reverse Bias SOA
TJ = 150°C; VGE = 20V
10
100
1000
10000
VCE (V)
1
10
100
1000
Fig. 3 - Typical Gate Threshold Voltage
(Normalized) vs. Junction Temperature
0
2
4
6
8
10
VCE (V)
0
10
20
30
40
50
60
70
80
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
0
2
4
6
8
10
VCE (V)
0
10
20
30
40
50
60
70
80
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
25
50
75
100
125
150
TJ , Temperature (°C)
0.5
0.6
0.7
0.8
0.9
1.0
IC = 600µA
25
50
75
100
125
150
TC (°C)
0
10
20
30
40
50
25
50
75
100
125
150
TC (°C)
0
25
50
75
100
125
150
175
200


Similar Part No. - IRG7PH35UD1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF Datasheet
320Kb / 10P
   Low Switching Losses
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF_15 Datasheet
320Kb / 10P
   Low Switching Losses
More results

Similar Description - IRG7PH35UD1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4078DPBF IRF-IRGP4078DPBF Datasheet
828Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF Datasheet
429Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGP4068DPBF IRF-IRGP4068DPBF Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF_15 Datasheet
325Kb / 10P
   Device optimized for induction heating and soft switching applications
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF Datasheet
295Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF Datasheet
276Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF Datasheet
398Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRGR2B60KDPBF IRF-IRGR2B60KDPBF Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRGR2B60KDPBF IRF-IRGR2B60KDPBF_15 Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com