Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRDC3840 Datasheet(PDF) 11 Page - International Rectifier

Part # IRDC3840
Description  USER GUIDE FOR IR3840 EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3840 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRDC3840 Datasheet HTML 7Page - International Rectifier IRDC3840 Datasheet HTML 8Page - International Rectifier IRDC3840 Datasheet HTML 9Page - International Rectifier IRDC3840 Datasheet HTML 10Page - International Rectifier IRDC3840 Datasheet HTML 11Page - International Rectifier IRDC3840 Datasheet HTML 12Page - International Rectifier IRDC3840 Datasheet HTML 13Page - International Rectifier IRDC3840 Datasheet HTML 14Page - International Rectifier IRDC3840 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IRDC3840
02/02/2009
11
Fig.16: Power loss versus load current
Fig.15: Efficiency versus load current
TYPICAL OPERATING WAVEFORMS
Vin=12V, Vo=1.8V, Io=0- 12A, Room Temperature, No Air Flow
88.0
88.5
89.0
89.5
90.0
90.5
91.0
91.5
92.0
92.5
10
20
30
40
50
60
70
80
90
100
Load Percentage (%)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
10
20
30
40
50
60
70
80
90
100
Load Percentage(%)


Similar Part No. - IRDC3840

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
   USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3840W IRF-IRDC3840W Datasheet
860Kb / 17P
   USER GUIDE FOR IR3840W EVALUATION BOARD
More results

Similar Description - IRDC3840

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
logo
International Rectifier
IRDC3899-P1V2 IRF-IRDC3899-P1V2 Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
   USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3842 IRF-IRDC3842 Datasheet
924Kb / 17P
   USER GUIDE FOR IR3842 EVALUATION BOARD
IRDC3831 IRF-IRDC3831 Datasheet
764Kb / 16P
   USER GUIDE FOR IR3831 EVALUATION BOARD
IRDC3831W IRF-IRDC3831W Datasheet
732Kb / 16P
   USER GUIDE FOR IR3831W EVALUATION BOARD
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
   USER GUIDE FOR IR3841 EVALUATION BOARD
IRDC3842W IRF-IRDC3842W Datasheet
854Kb / 17P
   USER GUIDE FOR IR3842W EVALUATION BOARD
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com