Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7100 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TDA7100
Description  434 MHz ASK/FSK Transmitter in 10-pin Package
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA7100 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TDA7100 Datasheet HTML 6Page - Infineon Technologies AG TDA7100 Datasheet HTML 7Page - Infineon Technologies AG TDA7100 Datasheet HTML 8Page - Infineon Technologies AG TDA7100 Datasheet HTML 9Page - Infineon Technologies AG TDA7100 Datasheet HTML 10Page - Infineon Technologies AG TDA7100 Datasheet HTML 11Page - Infineon Technologies AG TDA7100 Datasheet HTML 12Page - Infineon Technologies AG TDA7100 Datasheet HTML 13Page - Infineon Technologies AG TDA7100 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TDA7100
Functional Description
Data Sheet
10
V 1.0, 2007-05-02
7
FSKDTA
Digital frequency modulation can
be imparted to the Xtal Oscillator
by this pin. The VCO-frequency
varies in accordance to the
frequency of the reference
oscillator.
A logic high (FSKDTA > 1.5V or
open) sets the FSK switch to a
high impedance state.
A logic low (FSKDTA < 0.5 V)
closes the FSK switch from
FSKOUT (pin 4) to GND (pin 3).
A capacitor can be switched to the
reference crystal network this way.
The Xtal Oscillator frequency will
be shifted giving the designed FSK
frequency deviation.
Pin
No.
Symbol
Interface Schematic
Function
+1.2 V
90 k
7
30
µA
60 k
+1.1 V
V
S


Similar Part No. - TDA7100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
TDA7116F INFINEON-TDA7116F Datasheet
731Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, March 2009
More results

Similar Description - TDA7100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
TDK5110F INFINEON-TDK5110F Datasheet
756Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006
TDK5100F INFINEON-TDK5100F Datasheet
503Kb / 35P
   434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5100F INFINEON-TDK5100F_08 Datasheet
1Mb / 39P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.2, April 2008
TDK5116F INFINEON-TDK5116F Datasheet
752Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2006
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
TDK5101F INFINEON-TDK5101F_07 Datasheet
1Mb / 40P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
TDK5101F INFINEON-TDK5101F Datasheet
498Kb / 34P
   315 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDA7116F INFINEON-TDA7116F Datasheet
731Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, March 2009
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
   ASK Transmitter 434 MHz
Version 1.0 March 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com