Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAR64-05 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part No. BAR64-05
Description  Silicon PIN Diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-05 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button BAR64-05 Datasheet HTML 8Page - Infineon Technologies AG BAR64-05 Datasheet HTML 9Page - Infineon Technologies AG BAR64-05 Datasheet HTML 10Page - Infineon Technologies AG BAR64-05 Datasheet HTML 11Page - Infineon Technologies AG BAR64-05 Datasheet HTML 12Page - Infineon Technologies AG BAR64-05 Datasheet HTML 13Page - Infineon Technologies AG BAR64-05 Datasheet HTML 14Page - Infineon Technologies AG BAR64-05 Datasheet HTML 15Page - Infineon Technologies AG BAR64-05 Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
2007-12-11
15
BAR64...
Package TSLP-2-7
1
2
±0.05
0.6
1
2
0.05 MAX.
+0.01
0.39 -0.03
1) Dimension applies to plated terminal
Cathode
marking
1)
±0.035
0.5
Bottom view
Top view
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 15.000 Pieces/Reel
Reel ø330 mm = 50.000 Pieces/Reel (optional)
For board assembly information please refer to Infineon website "Packages"
0.45
Copper
Solder mask
Stencil apertures
0.6
0.76
4
0.5
Cathode
marking
BAR90-02LRH
Type code
Cathode marking
Laser marking


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn