Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAR64-05 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BAR64-05
Description  Silicon PIN Diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-05 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAR64-05 Datasheet HTML 1Page - Infineon Technologies AG BAR64-05 Datasheet HTML 2Page - Infineon Technologies AG BAR64-05 Datasheet HTML 3Page - Infineon Technologies AG BAR64-05 Datasheet HTML 4Page - Infineon Technologies AG BAR64-05 Datasheet HTML 5Page - Infineon Technologies AG BAR64-05 Datasheet HTML 6Page - Infineon Technologies AG BAR64-05 Datasheet HTML 7Page - Infineon Technologies AG BAR64-05 Datasheet HTML 8Page - Infineon Technologies AG BAR64-05 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2007-12-11
1
BAR64...
Silicon PIN Diode
• High voltage current controlled RF resistor
for RF attenuator and switches
• Frequency range above 1 MHz up to 6 GHz
• Very low capacitance at zero volt reverse bias
at frequencies above 1 GHz (typ. 0.17 pF)
• Low forward resistance (typ. 2.1 Ω @ 10 mA)
• Very low signal distortion
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAR64-02LRH
BAR64-02V
BAR64-03W
BAR64-05
BAR64-05W
BAR64-06
BAR64-06W
BAR64-07
BAR64-04
BAR64-04W

!

,
, 

,
!
"
, 
!

,
, 
!

,
, 
Type
Package
Configuration
LS(nH) Marking
BAR64-02LRH
BAR64-02V
BAR64-03W
BAR64-04
BAR64-04W
BAR64-05
BAR64-05W
BAR64-06
BAR64-06W
BAR64-07
TSLP-2-7
SC79
SOD323
SOT23
SOT323
SOT23
SOT323
SOT23
SOT323
SOT143
single, leadless
single
single
series
series
common cathode
common cathode
common anode
common anode
parallel pair
0.4
0.6
1.8
1.8
1.4
1.8
1.4
1.8
1.4
2
O
O
2 blue
PPs
PPs
PRs
PRs
PSs
PSs
PTs
1Pb-containing package may be available upon special request


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn