Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR63-05 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAR63-05
Description  Silicon PIN Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR63-05 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAR63-05 Datasheet HTML 1Page - Infineon Technologies AG BAR63-05 Datasheet HTML 2Page - Infineon Technologies AG BAR63-05 Datasheet HTML 3Page - Infineon Technologies AG BAR63-05 Datasheet HTML 4Page - Infineon Technologies AG BAR63-05 Datasheet HTML 5Page - Infineon Technologies AG BAR63-05 Datasheet HTML 6Page - Infineon Technologies AG BAR63-05 Datasheet HTML 7Page - Infineon Technologies AG BAR63-05 Datasheet HTML 8Page - Infineon Technologies AG BAR63-05 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2007-04-19
2
BAR63...
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
50
V
Forward current
IF
100
mA
Total power dissipation
BAR63-02L, TS ≤ 118°C
BAR63-02V, -02W, BAR63-03W, TS ≤ 115°C
BAR63-04...BAR63-06, TS ≤ 55°C
BAR63-04S, TS ≤ 115°C
BAR63-04W...BAR63-06W, TS ≤ 105°C
Ptot
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAR63-02L
BAR63-02V, BAR63-02W
BAR63-03W
BAR63-04...BAR63-06
BAR63-04S
BAR63-04W...BAR63-06W
RthJS
≤ 125
≤ 140
≤ 155
≤ 380
≤ 180
≤ 180
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 5 µA
V(BR)
50
-
-
V
Reverse current
VR = 35 V
IR
-
-
10
nA
Forward voltage
IF = 100 mA
VF
-
0.95
1.2
V
1For calculation of RthJA please refer to the Technical Information


Similar Part No. - BAR63-05

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR63-05 SIEMENS-BAR63-05 Datasheet
80Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
logo
Infineon Technologies A...
BAR63-05 INFINEON-BAR63-05 Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
logo
Guangdong Kexin Industr...
BAR63-05 KEXIN-BAR63-05 Datasheet
40Kb / 2P
   Silicon PIN Diode
logo
Infineon Technologies A...
BAR63-05 INFINEON-BAR63-05 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
BAR63-05 INFINEON-BAR63-05 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results

Similar Description - BAR63-05

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com