Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3831WMPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR3831WMPBF
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3831WMPBF Datasheet(HTML) 2 Page - International Rectifier

  IR3831WMPBF Datasheet HTML 1Page - International Rectifier IR3831WMPBF Datasheet HTML 2Page - International Rectifier IR3831WMPBF Datasheet HTML 3Page - International Rectifier IR3831WMPBF Datasheet HTML 4Page - International Rectifier IR3831WMPBF Datasheet HTML 5Page - International Rectifier IR3831WMPBF Datasheet HTML 6Page - International Rectifier IR3831WMPBF Datasheet HTML 7Page - International Rectifier IR3831WMPBF Datasheet HTML 8Page - International Rectifier IR3831WMPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Rev 14.0
2
IR3831WMPbF
14
13
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND unless otherwise specified)
Vin ……………………………………………………. -0.3V to 25V
Vcc ……………….….…………….……..……….…… -0.3V to 8V (Note2)
Boot
……………………………………..……….…. -0.3V to 33V
SW
…………………………………………..……… -0.3V to 25V(DC), -4V to 25V(AC, 100ns)
Boot to SW
……..…………………………….…..….. -0.3V to Vcc+0.3V (Note1)
OCSet
………………………………………….……. -0.3V to 30V, 30mA
Input / output Pins ……………………………….. ... -0.3V to Vcc+0.3V (Note1)
PGND to GND ……………...………………………….. -0.3V to +0.3V
Storage Temperature Range ................................... -55°C To 150°C
Junction Temperature Range ................................... -40°C To 150°C (Note2)
ESD Classification …………………………… ……… JEDEC Class 1C
Moisture sensitivity level………………...………………JEDEC Level 3@260 °C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied.
Note1:
Must not exceed 8V
Note2:
Vcc must not exceed 7.5V for Junction Temperature between -10oC and -40oC
W
/
C
2
θ
W
/
C
35
θ
o
PCB
J
o
JA
=
=
-
PACKAGE INFORMATION
5mm x 6mm POWER QFN
4000
15
IR3831WMTRPbF
M
750
PARTS PER
REEL
15
PIN COUNT
IR3831WMTR1PbF
PACKAGE
DESCRIPTION
M
PACKAGE
DESIGNATOR
ORDERING INFORMATION
12
11
10
PGnd
15
Gnd
1
23
4
5
6
7
8
9
Vp
FB COMP Gnd Rt
SS OCSet
PGood
V
CC
Enable
Boot
VIN
SW


Similar Part No. - IR3831WMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3831WMPBF IRF-IR3831WMPBF Datasheet
709Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WMPBF IRF-IR3831WMPBF Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WMPBF IRF-IR3831WMPBF_11 Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
More results

Similar Description - IR3831WMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3832WMPBF IRF-IR3832WMPBF_1 Datasheet
721Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3832WMPBF IRF-IR3832WMPBF_11 Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3832WMPBF IRF-IR3832WMPBF Datasheet
722Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831M IRF-IR3831M_15 Datasheet
939Kb / 31P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WMPBF IRF-IR3831WMPBF_11 Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831MPBF IRF-IR3831MPBF Datasheet
939Kb / 31P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WMPBF IRF-IR3831WMPBF Datasheet
709Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WM IRF-IR3831WM_15 Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3832WM IRF-IR3832WM_15 Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com