Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA892-02V Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BA892-02V
Description  Silicon RF Switching Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA892-02V Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BA892-02V Datasheet HTML 2Page - Infineon Technologies AG BA892-02V Datasheet HTML 3Page - Infineon Technologies AG BA892-02V Datasheet HTML 4Page - Infineon Technologies AG BA892-02V Datasheet HTML 5Page - Infineon Technologies AG BA892-02V Datasheet HTML 6Page - Infineon Technologies AG BA892-02V Datasheet HTML 7Page - Infineon Technologies AG BA892-02V Datasheet HTML 8Page - Infineon Technologies AG BA892-02V Datasheet HTML 9Page - Infineon Technologies AG BA892-02V Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2007-04-19
6
BA592/BA892...
Package SC79
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø180 mm = 8.000 Pieces/Reel (2 mm Pitch)
Reel ø330 mm = 10.000 Pieces/Reel
0.3
1
2
marking
Cathode
0.8 ±0.1
A
±0.05
0.13
A
0.2 M
+0.05
-0.03
±0.04
0.55
0.35
BAR63-02V
Type code
Cathode marking
Laser marking
2
0.66
0.93
0.4
0.2
Cathode
marking
4
Cathode
marking
Standard
Reel with 2 mm Pitch
2005, June
Date code


Similar Part No. - BA892-02V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BA892-02V INFINEON-BA892-02V Datasheet
416Kb / 4P
   Silicon RF Switching Diode
Feb-04-2003
BA892-02V INFINEON-BA892-02V Datasheet
976Kb / 11P
   For band switching in TV/VTR tuners and mobile applications
2011-07-21
BA892-02V INFINEON-BA892-02V Datasheet
976Kb / 11P
   Silicon RF Switching Diode ??For band switching in TV/VTR
2011-07-21
BA892-02V INFINEON-BA892-02V Datasheet
976Kb / 11P
   Silicon RF Switching Diode
2011-07-21
BA892-02VE6327 INFINEON-BA892-02VE6327 Datasheet
976Kb / 11P
   For band switching in TV/VTR tuners and mobile applications
2011-07-21
More results

Similar Description - BA892-02V

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
   Silicon RF Switching Diode
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
   Silicon RF Switching Diode
Aug-17-2001
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
   Silicon RF Switching Diode
2011-06-14
logo
Guangdong Kexin Industr...
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
   Silicon RF Switching Diode
2007-04-19
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
   Silicon RF Switching Diode
2007-03-29
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
   Silicon RF Switching Diode
Dec-20-2002
logo
SEMTECH ELECTRONICS LTD...
BA592WS SEMTECH_ELEC-BA592WS Datasheet
245Kb / 3P
   SILICON RF SWITCHING DIODE
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
   Silicon RF Switching Diode
2011-06-14
BA-892-02V-H6127 INFINEON-BA-892-02V-H6127 Datasheet
976Kb / 11P
   Silicon RF Switching Diode
2011-07-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com