Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3507ZMPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3507ZMPBF
Description  XPHASE3TM PHASE IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3507ZMPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3507ZMPBF Datasheet HTML 1Page - International Rectifier IR3507ZMPBF Datasheet HTML 2Page - International Rectifier IR3507ZMPBF Datasheet HTML 3Page - International Rectifier IR3507ZMPBF Datasheet HTML 4Page - International Rectifier IR3507ZMPBF Datasheet HTML 5Page - International Rectifier IR3507ZMPBF Datasheet HTML 6Page - International Rectifier IR3507ZMPBF Datasheet HTML 7Page - International Rectifier IR3507ZMPBF Datasheet HTML 8Page - International Rectifier IR3507ZMPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
IR3507Z
Page 5 of 19
IR Confidential
April 2, 2009
Note 1: Guaranteed by design, but not tested in production
Note 2: VCCL-0.5V or VCC – 2.5V, whichever is lower
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Body Brake Comparator
Threshold Voltage with EAIN
decreasing
Measure relative to Floor Voltage
-300
-200
-110
mV
Threshold Voltage with EAIN
increasing
Measure relative to Floor Voltage
-200
-100
-10
mV
Hysteresis
70
105
130
mV
Propagation Delay
VCCL = 5V. Measure time from EAIN <
V(DACIN) (200mV overdrive) to GATEL
transition to < 4V.
40
65
90
ns
OVP Comparator
OVP Threshold
Step V(IOUT) up until GATEL drives
high. Compare to V(VCCL)
-1.0
-0.8
-0.4
V
Propagation Delay
V(VCCL)=5V, Step V(IOUT) up from
V(DACIN) to V(VCCL). Measure time to
V(GATEL)>4V.
15
40
70
ns
Synchronous Rectification Disable Comparator
Threshold Voltage
The ratio of V(CSIN-) / V(DACIN), below
which V(GATEL) is always low.
66
75
86
%
Negative Current Comparator
Input Offset Voltage
Note 1
-16
0
16
mV
Propagation Delay Time
Apply step voltage to V(CSIN+) –
V(CSIN-). Measure time to V(GATEL)<
1V.
100
200
400
ns
Bootstrap Diode
Forward Voltage
I(BOOST) = 30mA, VCCL = 6.8V
360
520
960
mV
Debug Comparator
Threshold Voltage
Compare to V(VCCL)
-250
-150
-50
mV
General
VCC Supply Current
8V ≤ V(VCC) < 10V
1.1
4.0
6.1
mA
VCC Supply Current
10V ≤ V(VCC) ≤ 16V
1.1
2.0
4
mA
VCCL Supply Current
3.1
8.0
12.1
mA
BOOST Supply Current
4.75V ≤ V(BOOST)-V(SW )≤ 8V
0.5
1.5
3
mA
DACIN Bias Current
-1.5
-0.75
1
µA
SW Floating Voltage
0.1
0.3
0.4
V


Similar Part No. - IR3507ZMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3507 IRF-IR3507 Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3507MPBF IRF-IR3507MPBF Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3507MPBF IRF-IR3507MPBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3507MTRPBF IRF-IR3507MTRPBF Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3507MTRPBF IRF-IR3507MTRPBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
More results

Similar Description - IR3507ZMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508Z IRF-IR3508Z Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3507 IRF-IR3507 Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3505 IRF-IR3505 Datasheet
293Kb / 19P
   XPHASE3TM PHASE IC
IR3529 IRF-IR3529 Datasheet
451Kb / 22P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
   XPHASE3TM DUAL PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com