Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3500AMPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IR3500AMPBF
Description  XPHASE3TM VR11.0 & AMD PVID CONTROL IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3500AMPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3500AMPBF Datasheet HTML 4Page - International Rectifier IR3500AMPBF Datasheet HTML 5Page - International Rectifier IR3500AMPBF Datasheet HTML 6Page - International Rectifier IR3500AMPBF Datasheet HTML 7Page - International Rectifier IR3500AMPBF Datasheet HTML 8Page - International Rectifier IR3500AMPBF Datasheet HTML 9Page - International Rectifier IR3500AMPBF Datasheet HTML 10Page - International Rectifier IR3500AMPBF Datasheet HTML 11Page - International Rectifier IR3500AMPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
IR3500A
Page 8 of 48
July 28, 2009
PIN DESCRIPTION
PIN#
PIN SYMBOL
PIN DESCRIPTION
1-8
VID7-0
Inputs to VID D to A Converter.
9
ENABLE
Enable input. A logic low applied to this pin puts the IC into fault mode. Do not float this pin
as the logic state will be undefined.
10
VRHOT
Open collector output of the VRHOT comparator which drives low if HOTSET pin voltage is
lower than 1.6V. Connect external pull-up.
11
HOTSET
A resistor divider including thermistor senses the temperature, which is used for VRHOT
comparator.
12
VOSEN-
Remote sense amplifier input. Connect to ground at the load.
13
VOSEN+
Remote sense amplifier input. Connect to output at the load.
14
VO
Remote sense amplifier output.
15
FB
Inverting input to the error amplifier.
16
EAOUT
Output of the error amplifier.
17
VDRP
Buffered IIN signal. Connect external RC network to FB to program converter output
impedance.
18
IIN
Average current input from the phase IC(s). This pin is also used to communicate over
voltage condition to phase ICs.
19
VSETPT
Error amplifier non-inverting input. Converter output voltage can be decreased from the
VDAC voltage with an external resistor connected between VDAC and this pin (there is an
internal sink current at this pin).
20
OCSET
Programs the constant converter output current limit and hiccup over-current thresholds
through an external resistor tied to VDAC and an internal current source from this pin.
Over-current protection can be disabled by connecting a resistor from this pin to VDAC to
program the threshold higher than the possible signal into the IIN pin from the phase ICs
but no greater than VCCL – 2V (do not float this pin as improper operation will occur).
21
VDAC
Regulated voltage programmed by the VID inputs. Connect external RC network to LGND
to program dynamic VID slew rate and provide compensation for the internal buffer amp.
22
SS/DEL
Programs converter startup and over current protection delay timing. It is also used to
compensate the constant output current loop during soft start. Connect an external
capacitor to LGND to program.
23
ROSC/OVP
Connect a resistor to LGND to program oscillator frequency and OCSET, VSETPT and
VDAC bias currents. Oscillator frequency equals switching frequency per phase. The pin is
0.6V during normal operation and higher than 1.6V if over-voltage condition is detected.
24
LGND
Local Ground for internal circuitry and IC substrate connection.
25
CLKOUT
Clock output at switching frequency multiplied by phase number. Connect to CLKIN pins of
phase ICs.
26
PHSOUT
Phase clock output at switching frequency per phase. Connect to PHSIN pin of the first
phase IC.
27
PHSIN
Feedback input of phase clock. Connect to PHSOUT pin of the last phase IC.
28
VCCL
Output of the voltage regulator, and power input for clock oscillator circuitry. Connect a
decoupling capacitor to LGND.
29
VCCLFB
Non-inverting input of the voltage regulator error amplifier. Output voltage of the regulator
is programmed by the resistor divider connected to VCCL.
30
VCCLDRV
Output of the VCCL regulator error amplifier to control external transistor. The pin senses
12V power supply through a resistor.
31
VRRDY
Open collector output that drives low during startup and under any external fault condition.
Connect external pull-up.
32
VIDSEL
The pin configures VIDs for AMD 6-bit, Intel VR11 8-bit with 1.1V Boot voltage, Intel VR11
8-bit without 1.1V Boot voltage or AMD 5-bit Opteron.


Similar Part No. - IR3500AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500MPBF IRF-IR3500MPBF Datasheet
754Kb / 47P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500MTRPBF IRF-IR3500MTRPBF Datasheet
754Kb / 47P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500V IRF-IR3500V Datasheet
618Kb / 34P
   XPHASE3TM VR11.1 CPU VTT CONTROL IC
IR3500VMPBF IRF-IR3500VMPBF Datasheet
618Kb / 34P
   XPHASE3TM VR11.1 CPU VTT CONTROL IC
More results

Similar Description - IR3500AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3521 IRF-IR3521 Datasheet
480Kb / 45P
   XPHASE3TM AMD SVID CONTROL IC
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
   XPHASE3TM AMD HYBRID CONTROL IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
   XPHASE3TM CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502_09 Datasheet
1Mb / 39P
   XPHASE3TM CONTROL IC
IR3513Z IRF-IR3513Z Datasheet
738Kb / 36P
   XPHASE3TM POL CONTROL IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
IR3522 IRF-IR3522 Datasheet
754Kb / 32P
   XPHASE3TM DDR & VTT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com