Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW25T120 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IKW25T120
Description  Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW25T120 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IKW25T120_08 Datasheet HTML 1Page - Infineon Technologies AG IKW25T120_08 Datasheet HTML 2Page - Infineon Technologies AG IKW25T120_08 Datasheet HTML 3Page - Infineon Technologies AG IKW25T120_08 Datasheet HTML 4Page - Infineon Technologies AG IKW25T120_08 Datasheet HTML 5Page - Infineon Technologies AG IKW25T120_08 Datasheet HTML 6Page - Infineon Technologies AG IKW25T120_08 Datasheet HTML 7Page - Infineon Technologies AG IKW25T120_08 Datasheet HTML 8Page - Infineon Technologies AG IKW25T120_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IKW25T120
TrenchStop® Series
Power Semiconductors
1
Rev. 2.2 Sep 08
Low Loss DuoPack : IGBT in TrenchStop® and Fieldstop technology
with soft, fast recovery anti-parallel EmCon HE diode
Approx. 1.0V reduced VCE(sat)
and 0.5V reduced VF compared to BUP314D
Short circuit withstand time – 10
µs
Designed for :
- Frequency Converters
- Uninterrupted Power Supply
TrenchStop
® and Fieldstop technology for 1200 V applications
offers :
- very tight parameter distribution
- high ruggedness, temperature stable behavior
NPT technology offers easy parallel switching capability due to
positive temperature coefficient in VCE(sat)
Low EMI
Low Gate Charge
Very soft, fast recovery anti-parallel EmCon HE diode
Qualified according to JEDEC
1 for target applications
Pb-free lead plating; RoHS compliant
Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/
Type
VCE
IC
VCE(sat),Tj=25°C
Tj,max
Marking Code
Package
IKW25T120
1200V
25A
1.7V
150
°C
K25T120
PG-TO-247-3
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCE
1200
V
DC collector current
TC = 25
°C
TC = 100
°C
IC
50
25
Pulsed collector current, tp limited by Tjmax
ICpuls
75
Turn off safe operating area
VCE
≤ 1200V, Tj ≤ 150°C
-
75
Diode forward current
TC = 25
°C
TC = 100
°C
IF
50
25
Diode pulsed current, tp limited by Tjmax
IFpuls
75
A
Gate-emitter voltage
VGE
±20
V
Short circuit withstand time
2)
VGE = 15V, VCC
≤ 1200V, Tj ≤ 150°C
tSC
10
µs
Power dissipation
TC = 25
°C
Ptot
190
W
Operating junction temperature
Tj
-40...+150
Storage temperature
Tstg
-55...+150
°C
1 J-STD-020 and JESD-022
2) Allowed number of short circuits: <1000; time between short circuits: >1s.
G
C
E
PG-TO-247-3


Similar Part No. - IKW25T120_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW25T120 INFINEON-IKW25T120 Datasheet
450Kb / 15P
   TRENCHSTOP SERIES
Rev. 1 Jul-02
More results

Similar Description - IKW25T120_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW08T120 INFINEON-IKW08T120_08 Datasheet
372Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHP10T120 INFINEON-IHP10T120_07 Datasheet
376Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 Sept. 07
IKA15N60T INFINEON-IKA15N60T Datasheet
404Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 July 06
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com