Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS711L1 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ITS711L1
Description  For Industrial Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS711L1 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ITS711L1 Datasheet HTML 2Page - Infineon Technologies AG ITS711L1 Datasheet HTML 3Page - Infineon Technologies AG ITS711L1 Datasheet HTML 4Page - Infineon Technologies AG ITS711L1 Datasheet HTML 5Page - Infineon Technologies AG ITS711L1 Datasheet HTML 6Page - Infineon Technologies AG ITS711L1 Datasheet HTML 7Page - Infineon Technologies AG ITS711L1 Datasheet HTML 8Page - Infineon Technologies AG ITS711L1 Datasheet HTML 9Page - Infineon Technologies AG ITS711L1 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
6
Rev. 1.3, 2010-03-16
PROFET® ITS711L1
3DUDPHWHUDQG&RQGLWLRQV HDFKRI WKHIRXU FKDQQHOV
6\PERO
9DOXHV
8QLW
DW7M ƒ& 9EE 9XQOHVV RWKHUZLVHVSHFLILHG
PLQ
W\S
PD[
6WDQGE\FXUUHQWDOOFKDQQHOVRII
7M ƒ&
9,1 
7M ƒ&
,EE RII






µ$
/HDNDJHRXWSXWFXUUHQW LQFOXGHGLQ ,EE RII
9,1 
,/ RII



µ$
2SHUDWLQJ FXUUHQW   9,1 9 7M ƒ&
,*1' ,*1'  ,*1'
RQHFKDQQHO RQ
IRXU FKDQQHOVRQ
,*1'






P$
3URWHFWLRQ)XQFWLRQV
,QLWLDOSHDNVKRUWFLUFXLWFXUUHQWOLPLW VHHWLPLQJ
GLDJUDPV SDJH3
HDFKFKDQQHO 7M ƒ&
7M ƒ&
7M ƒ&
,/ 6&S









$
WZR SDUDOOHOFKDQQHOV
WZLFHWKHFXUUHQWRIRQHFKDQQHO
IRXU SDUDOOHOFKDQQHOV
IRXU WLPHVWKHFXUUHQWRIRQHFKDQQHO
5HSHWLWLYH VKRUWFLUFXLWFXUUHQWOLPLW
7M 7MW
HDFKFKDQQHO
WZR SDUDOOHOFKDQQHOV
IRXU SDUDOOHOFKDQQHOV
VHHWLPLQJGLDJUDPV SDJH3
,/ 6&U









$
,QLWLDOVKRUWFLUFXLWVKXWGRZQWLPH
7MVWDUW ƒ&
7MVWDUW ƒ&
VHHSDJHDQGWLPLQJGLDJUDPV RQSDJH3
WRII 6&


48
29


PV
2XWSXWFODPS LQGXFWLYH ORDGVZLWFKRII 
DW921 &/ 9EE  9287
921 &/



9
7KHUPDO RYHUORDGWULSWHPSHUDWXUH
7MW



ƒ&
7KHUPDO K\VWHUHVLV
7MW



.
5HYHUVH%DWWHU\
5HYHUVHEDWWHU\YROWDJH 
9EE



9
'UDLQVRXUFHGLRGHYROWDJH 9RXW !9EE
,/   $ 7M ƒ&
921



P9

$GG ,67LI ,67 !

,QWHJUDWHGSURWHFWLRQIXQFWLRQV DUHGHVLJQHGWRSUHYHQW,&GHVWUXFWLRQXQGHU IDXOWFRQGLWLRQV GHVFULEHGLQWKH
GDWDVKHHW)DXOWFRQGLWLRQV DUHFRQVLGHUHGDV RXWVLGHQRUPDORSHUDWLQJUDQJH3URWHFWLRQIXQFWLRQV DUH
QRWGHVLJQHGIRU FRQWLQXRXV UHSHWLWLYHRSHUDWLRQ

,I FKDQQHOV DUHFRQQHFWHGLQSDUDOOHORXWSXWFODPSLV XVXDOO\DFFRPSOLVKHGE\WKHFKDQQHOZLWKWKHORZHVW
921 &/

5HTXLUHV D Ω UHVLVWRU LQ*1'FRQQHFWLRQ7KHUHYHUVHORDGFXUUHQWWKURXJKWKHLQWULQVLF GUDLQVRXUFH
GLRGHKDV WREHOLPLWHGE\WKHFRQQHFWHGORDG1RWHWKDWWKHSRZHU GLVVLSDWLRQLV KLJKHU FRPSDUHGWRQRUPDO
RSHUDWLQJFRQGLWLRQV GXHWRWKHYROWDJHGURSDFURVV WKHLQWULQVLF GUDLQVRXUFHGLRGH7KHWHPSHUDWXUH
SURWHFWLRQLV QRWDFWLYHGXULQJUHYHUVHFXUUHQWRSHUDWLRQ ,QSXWDQG6WDWXV FXUUHQWV KDYHWREHOLPLWHG VHH
PD[ UDWLQJV SDJHDQGFLUFXLWSDJH 


Similar Part No. - ITS711L1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
More results

Similar Description - ITS711L1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Infineon Technologies A...
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
logo
List of Unclassifed Man...
GA500 ETC-GA500 Datasheet
3Mb / 20P
   AC Microdrives for Industrial Applications
03/2021
logo
Infineon Technologies A...
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com