Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W681511 Datasheet(PDF) 15 Page - Winbond

Part # W681511
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W681511 Datasheet(HTML) 15 Page - Winbond

Back Button W681511_05 Datasheet HTML 11Page - Winbond W681511_05 Datasheet HTML 12Page - Winbond W681511_05 Datasheet HTML 13Page - Winbond W681511_05 Datasheet HTML 14Page - Winbond W681511_05 Datasheet HTML 15Page - Winbond W681511_05 Datasheet HTML 16Page - Winbond W681511_05 Datasheet HTML 17Page - Winbond W681511_05 Datasheet HTML 18Page - Winbond W681511_05 Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
W681511
Publication Release Date: April 2005
- 15 -
Revision A10
D7
D6
D5
D4
D3
D2
D1
MSB
LSB
T
BCK
D0
T
BCKH
T
BCKL
T
FS
T
FTRS
T
FTRH
T
HID
T
BDTD
01
2
3
4
5
6
7
8
01
FST
BCLKT
PCMT
T
BDTD
T
FTFH
-1
T
FTFS
MSB
LSB
T
BCK
D6
D5
D4
D3
D2
D1 D0
D7
T
DRH
T
DRS
T
BCKH
T
BCKL
T
FS
T
FRRS
T
FRRH
01
2
3
4
5
6
7
8
01
FSR
BCLKR
PCMR
T
FRFH
-1
T
FRFS
MCLK
T
FTRHM
T
FTRSM
T
MCKH
T
MCKL
T
MCK
T
RISE
T
FALL
Figure 8.2 Short Frame Sync PCM Timing


Similar Part No. - W681511_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511SG NUVOTON-W681511SG Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
More results

Similar Description - W681511_05

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com