Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX27001TFV50 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IFX27001TFV50
Description  Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX27001TFV50 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IFX27001TFV50 Datasheet HTML 6Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 7Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 8Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 9Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 10Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 11Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 12Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 13Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
10
Rev. 1.01, 2009-10-19
IFX27001
Electrical Characteristics
Table 6
Electrical Characteristics IFX27001TFV26 DV26 (2.6 V fixed output voltage)
-40
°C< T
j <125 °C; VI =13.5V, IQ = 10 mA; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Output voltage
VQ
2.52
2.60
2.68
V
10 mA
≤ I
Q ≤ 1000 mA;
4.0 V
≤ V
I ≤ 16 V
–2.60
V
10 mA
≤ I
Q ≤ 1000 mA;
16 V
≤ V
I ≤ 40 V
1)
1) Device is usable within given range without destruction, but the accuracy of the output voltage can only be guarantied in
the range specified in the line above.
Line regulation
ΔV
Q
11
40
mV
4.0 V
≤ V
I ≤ 40 V
Load regulation
ΔV
Q
5
11
mV
10 mA
≤ I
Q ≤ 800 mA;
2)
VI = VQnom + VDR
2) Measured at constant junction temperature
7
13
mV
10 mA
≤ I
Q ≤ 1.0 A
2)
VI =VQnom + VDR
Dropout voltage
VDR
1.00
1.20
V
IQ = 100 mA
3)
3) Dropout voltage measured when the output voltage has dropped 100 mV from the nominal value.
1.05
1.30
V
IQ = 500 mA
3)
1.10
1.35
V
IQ = 800 mA
3)
1.30
1.40
V
IQ =1.0 A
3)
Current consumption;
Iq = II – IQ
Iq
–0.8
1.6
mA
IQ =10mA
Temperature stability
16
mV
4)
4) Not subject to production test - specified by design.
Current limit
IQmax
1000
2200
mA
VI – VQ <18V;
VQ = Vnom - 100 mV
50
200
mA
VI = 40 V;
VQ = Vnom - 100 mV
Tj = 25 °C
RMS Output Noise
30
ppm
ppm of VQ, Tj = 25 °C
10 Hz
≤ f ≤ 10 kHz 4)
Power Supply Ripple Rejection
PSRR
–65
dB
fr =120 Hz, Vr=0.5 VPP,
CADJ = 0 μF
4)
–65
dB
fr = 120 Hz, Vr =0.5VPP,
CADJ = 10 μF
4)


Similar Part No. - IFX27001TFV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX20001 INFINEON-IFX20001 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.02, 2010-05-20
IFX20001MBV33 INFINEON-IFX20001MBV33 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.02, 2010-05-20
IFX20001MBV33 INFINEON-IFX20001MBV33 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
IFX20001MBV50 INFINEON-IFX20001MBV50 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.02, 2010-05-20
IFX20001MBV50 INFINEON-IFX20001MBV50 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
More results

Similar Description - IFX27001TFV50

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0005E SSDI-LA0005E Datasheet
205Kb / 3P
   Linear Voltage Regulator
LA0011B SSDI-LA0011B_15 Datasheet
189Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
LM3480-5 SS-LM3480-5 Datasheet
1Mb / 5P
   Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
   Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com