Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX91041 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IFX91041
Description  1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX91041 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IFX91041_10 Datasheet HTML 2Page - Infineon Technologies AG IFX91041_10 Datasheet HTML 3Page - Infineon Technologies AG IFX91041_10 Datasheet HTML 4Page - Infineon Technologies AG IFX91041_10 Datasheet HTML 5Page - Infineon Technologies AG IFX91041_10 Datasheet HTML 6Page - Infineon Technologies AG IFX91041_10 Datasheet HTML 7Page - Infineon Technologies AG IFX91041_10 Datasheet HTML 8Page - Infineon Technologies AG IFX91041_10 Datasheet HTML 9Page - Infineon Technologies AG IFX91041_10 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
6
Rev. 1.02, 2010-02-23
IFX91041
General Product Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Supply Voltage
V
S
4.75
45
V
4.2.2
Output Voltage adjust range
V
CC
0.60
16
V
IFX91041EJV
4.2.3
Buck inductor
L
BU
18
56
µH
4.2.4
Buck capacitor
C
BU1
33
120
µF
4.2.5
Buck capacitor ESR
ESR
BU1
–0.3
Ω
1)
1) See section ““Application Information” on Page 12” for loop compensation requirements.
4.2.6
Junction Temperature
T
j
-40
150
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to Case1)
1) Not subject to production test, specified by design.
R
thJC
––
12
K/W
4.3.2
Junction to ambient1)
R
thJA
–52
K/W
2)
2) According to Jedec JESD52-1,-5,-7 at natural convection on 2s2p FR4 PCB for 1W power dissipation. PCB
76.2x114.3x1.5mm3 with 2 inner copper layers of 70µm thickness. Thermal via array conected to the first inner copper layer
under the exposed pad.


Similar Part No. - IFX91041_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX91041 INFINEON-IFX91041_11 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.1, 2011-07-08
More results

Similar Description - IFX91041_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX91041 INFINEON-IFX91041 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.01, 2009-10-19
TLE8366 INFINEON-TLE8366 Datasheet
1Mb / 19P
   1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.0, 2009-05-18
IFX91041 INFINEON-IFX91041_11 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.1, 2011-07-08
logo
Maxim Integrated Produc...
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ_1 Datasheet
1Mb / 16P
   1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
TLD5085EJ INFINEON-TLD5085EJ_15 Datasheet
528Kb / 19P
   1.8A DC/DC Step-Down Converter
Revision 1.1 2015-03-10
logo
Maxim Integrated Produc...
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
logo
Vishay Siliconix
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
logo
Maxim Integrated Produc...
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com