Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX25401TBV Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IFX25401TBV
Description  Low Dropout Linear Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX25401TBV Datasheet(HTML) 2 Page - Infineon Technologies AG

  IFX25401TBV Datasheet HTML 1Page - Infineon Technologies AG IFX25401TBV Datasheet HTML 2Page - Infineon Technologies AG IFX25401TBV Datasheet HTML 3Page - Infineon Technologies AG IFX25401TBV Datasheet HTML 4Page - Infineon Technologies AG IFX25401TBV Datasheet HTML 5Page - Infineon Technologies AG IFX25401TBV Datasheet HTML 6Page - Infineon Technologies AG IFX25401TBV Datasheet HTML 7Page - Infineon Technologies AG IFX25401TBV Datasheet HTML 8Page - Infineon Technologies AG IFX25401TBV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Type
Package
Marking
IFX25401TBV
PG-TO263-5
25401V
IFX25401TEV
PG-TO252-5
25401V
IFX25401TBV50
PG-TO263-5
25401V50
IFX25401TEV50
PG-TO252-5
2540150
PG-TO263-5
PG-TO252-5
Data Sheet
2
Rev. 1.01, 2009-10-19
Low Dropout Linear Voltage Regulator
IFX25401
Features
Output Voltage Versions: 5V and Adjustable
Very Low Current Consumption
400 mA Output Current Capability
Very Low Dropout Voltage
Output Current Limitation
Overtemperature Shutdown
Reverse Polarity Protection
Wide Temperature Range; -40 °C to 125 °C
Green Product (RoHS compliant)
Applications
Manufacturing Automation
Appliances
HDTV Televisions
Game Consoles
Network Routers
For automotive and transportation applications, please refer to the
Infineon TLE and TLF voltage regulator series.
Description
The IFX25401 is a monolithic integrated low dropout voltage regulator for load currents up to 400 mA. An input
voltage up to 40 V is regulated to an adjustable voltage with a precision of
±2%. The device is designed for harsh
environments. Therefore it is protected against overload, short circuit and overtemperature conditions by the
implemented output current limitation and the overtemperature shutdown circuit. The adustable output can be
configured to regulate between 2.5 V and 20 V.
Due to its very low quiescent current the IFX25401 is dedicated for use in applications permanently connected to
a battery.


Similar Part No. - IFX25401TBV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX25401TBV INFINEON-IFX25401TBV Datasheet
33Kb / 1P
   Material Content Data Sheet
18. August 2015
IFX25401TBV INFINEON-IFX25401TBV Datasheet
1Mb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.02, 2012-08-24
IFX25401TBV50 INFINEON-IFX25401TBV50 Datasheet
1Mb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.02, 2012-08-24
IFX25401TBV50 INFINEON-IFX25401TBV50_12 Datasheet
1Mb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.02, 2012-08-24
IFX25401TBV INFINEON-IFX25401TBV_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
18. August 2015
More results

Similar Description - IFX25401TBV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com