Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX25001MEV25 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IFX25001MEV25
Description  Low Dropout Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX25001MEV25 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IFX25001MEV25 Datasheet HTML 6Page - Infineon Technologies AG IFX25001MEV25 Datasheet HTML 7Page - Infineon Technologies AG IFX25001MEV25 Datasheet HTML 8Page - Infineon Technologies AG IFX25001MEV25 Datasheet HTML 9Page - Infineon Technologies AG IFX25001MEV25 Datasheet HTML 10Page - Infineon Technologies AG IFX25001MEV25 Datasheet HTML 11Page - Infineon Technologies AG IFX25001MEV25 Datasheet HTML 12Page - Infineon Technologies AG IFX25001MEV25 Datasheet HTML 13Page - Infineon Technologies AG IFX25001MEV25 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
10
Rev. 1.02, 2010-05-20
IFX25001
Electrical Characteristics
5.2.1
Typical Performance Characteristics Voltage Regulator (V50 Version)
Output Voltage
V
Q versus
Junction Temperature
T
J
Current Consumption
I
q versus
Input Voltage
V
I
Output Voltage
V
Q versus
Input Voltage
V
I
Input Current
I
I versus
Input Voltage
V
I
AED01966
-40
040
80
120 ˚C 160
4.8
j
T
Q
V
5.2
V
V
I = 13.5 V
4.9
5.0
5.1
0
0
20
30
10
mA
50
AED02269
q
Ι
10
20
30
V
RL = 20 Ω
V Ι
T j = 25 C
AED01968
0
24
6
8
V10
0
Q
V
2
4
6
V
V
I =
5
3
1
Q
V
T
j = 25 ˚C
L
R = 20
Ω
I
V
V
Q
AED01977
-50
-2
I
V
I
I
T = 25 ˚C
L
R = 8.2 k
-25
0
25
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
mA
V
Ω
j


Similar Part No. - IFX25001MEV25

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX25401 INFINEON-IFX25401 Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
IFX25401TBV INFINEON-IFX25401TBV Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
IFX25401TBV INFINEON-IFX25401TBV Datasheet
33Kb / 1P
   Material Content Data Sheet
18. August 2015
IFX25401TBV INFINEON-IFX25401TBV Datasheet
1Mb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.02, 2012-08-24
IFX25401TBV50 INFINEON-IFX25401TBV50 Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
More results

Similar Description - IFX25001MEV25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com