Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX20001MBV33 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IFX20001MBV33
Description  Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX20001MBV33 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IFX20001MBV33 Datasheet HTML 2Page - Infineon Technologies AG IFX20001MBV33 Datasheet HTML 3Page - Infineon Technologies AG IFX20001MBV33 Datasheet HTML 4Page - Infineon Technologies AG IFX20001MBV33 Datasheet HTML 5Page - Infineon Technologies AG IFX20001MBV33 Datasheet HTML 6Page - Infineon Technologies AG IFX20001MBV33 Datasheet HTML 7Page - Infineon Technologies AG IFX20001MBV33 Datasheet HTML 8Page - Infineon Technologies AG IFX20001MBV33 Datasheet HTML 9Page - Infineon Technologies AG IFX20001MBV33 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet
6
Rev. 1.02, 2010-05-20
IFX20001
General Product CharacteristicsFunctional Range
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
4.2.1
Input voltage
V
I
4.0
45
V
IFX20001MBV33
4.2.2
Input Voltage
V
I
5.5
45
V
IFX20001MBV50
4.2.3
Inhibit Voltage
V
INH
-0.3
40
V
4.2.4
Junction temperature
T
j
-40
125
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.5
Junction to Ambient
R
thJA
81
K/W
2s2p board1)
1) Specified
R
thJA value is according to JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The product
(chip+package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the package contacted the first inner copper layer.
4.3.1
217
K/W
Footprint only2)
2) Package mounted on PCB FR4; 80 x 80 x 1.5 mm; 35 µm Cu, 5 µm Sn; horizontal position; zero airflow.
Not subject to production test; specified by design.
4.3.2
117
K/W
300 mm2 PCB
heatsink area2)
4.3.3
103
K/W
600 mm2 PCB
heatsink area2)
4.3.4
Junction to Soldering Point
R
thJSP
30
K/W
Pins 2, 5 fixed to
T
A


Similar Part No. - IFX20001MBV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX20001MBV33 INFINEON-IFX20001MBV33 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
More results

Similar Description - IFX20001MBV33

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com