Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE164FN-16F80L Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XE164FN-16F80L
Description  16-Bit Single-Chip Real Time Signal Controller
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE164FN-16F80L Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XE164FN-16F80L Datasheet HTML 7Page - Infineon Technologies AG XE164FN-16F80L Datasheet HTML 8Page - Infineon Technologies AG XE164FN-16F80L Datasheet HTML 9Page - Infineon Technologies AG XE164FN-16F80L Datasheet HTML 10Page - Infineon Technologies AG XE164FN-16F80L Datasheet HTML 11Page - Infineon Technologies AG XE164FN-16F80L Datasheet HTML 12Page - Infineon Technologies AG XE164FN-16F80L Datasheet HTML 13Page - Infineon Technologies AG XE164FN-16F80L Datasheet HTML 14Page - Infineon Technologies AG XE164FN-16F80L Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
XE164FN, XE164GN, XE164HN, XE164KN
XE166 Family / Value Line
Summary of Features
Data Sheet
11
V1.2, 2010-04
The XE164xN types are offered with several SRAM memory sizes. Figure 1 shows the
allocation rules for PSRAM and DSRAM. Note that the rules differ:
PSRAM allocation starts from the lower address
DSRAM allocation starts from the higher address
For example 8 Kbytes of PSRAM will be allocated at E0’0000h-E0’1FFFh and 8 Kbytes
of DSRAM will be at 00’C000h-00’DFFFh.
Figure 1
SRAM Allocation
MC_XC_SRAM_ALLOCATION
Available
PSRAM
Reserved for
PSRAM
E0'0000h
(E8'0000h)
Available
DSRAM
Reserved for
DSRAM
E7'FFFFh
(EF'FFFFh)
00'8000h
00'DFFFh


Similar Part No. - XE164FN-16F80L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE164FN INFINEON-XE164FN Datasheet
3Mb / 126P
   Real Time Signal Controller
V1.4 2013-02
XE164FN INFINEON-XE164FN_13 Datasheet
3Mb / 126P
   Real Time Signal Controller
V1.4 2013-02
More results

Similar Description - XE164FN-16F80L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XE167FM-72F80LAA INFINEON-SAK-XE167FM-72F80LAA Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE166 INFINEON-XE166 Datasheet
1Mb / 62P
   16-Bit Single-Chip Real Time Signal Controller
V1.6 2014-10
XE164 INFINEON-XE164 Datasheet
1Mb / 114P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, 2008-08
XE167 INFINEON-XE167 Datasheet
1Mb / 122P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, Aug. 2008
XE164FM INFINEON-XE164FM_15 Datasheet
1Mb / 128P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE167FM INFINEON-XE167FM_15 Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal
V2.1 2011-07
XE161FL INFINEON-XE161FL Datasheet
2Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE162FN INFINEON-XE162FN Datasheet
1Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Value Line
V1.3 2010-04
XE162FL INFINEON-XE162FL Datasheet
2Mb / 110P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE160FU INFINEON-XE160FU Datasheet
2Mb / 101P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Compact Line
V1.2 2012-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com