Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83697HG Datasheet(PDF) 5 Page - Winbond

Part # W83697HG
Description  WINBOND LPC I/O
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83697HG Datasheet(HTML) 5 Page - Winbond

  W83697HG Datasheet HTML 1Page - Winbond W83697HG Datasheet HTML 2Page - Winbond W83697HG Datasheet HTML 3Page - Winbond W83697HG Datasheet HTML 4Page - Winbond W83697HG Datasheet HTML 5Page - Winbond W83697HG Datasheet HTML 6Page - Winbond W83697HG Datasheet HTML 7Page - Winbond W83697HG Datasheet HTML 8Page - Winbond W83697HG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
W83697HF/ HG
- 2 -
2. FEATURES
General
Meet LPC Spec. 1.01
Support LDRQ#(LPC DMA), SERIRQ (serial IRQ)
Include all the features of Winbond I/O W83877TF
Integrate Hardware Monitor functions
Compliant with Microsoft PC98/PC99 Hardware Design Guide
Support DPM (Device Power Management), ACPI
Programmable configuration settings
Single 24 or 48 MHz clock input
FDC
Compatible with IBM PC AT disk drive systems
Variable write pre-compensation with track selectable capability
Support vertical recording format
DMA enable logic
16-byte data FIFOs
Support floppy disk drives and tape drives
Detects all overrun and under run conditions
Built-in address mark detection circuit to simplify the read electronics
FDD anti-virus functions with software write protect and FDD write enable signal (write data signal
was forced to be inactive)
Support up to four 3.5-inch or 5.25-inch floppy disk drives
Completely compatible with industry standard 82077
360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate
Support 3-mode FDD, and its Win95/98 driver
UART
Two high-speed 16550 compatible UARTs with 16-byte send/receive FIFOs
MIDI compatible
Fully programmable serial-interface characteristics:
--- 5, 6, 7 or 8-bit characters
--- Even, odd or no parity bit generation/detection
--- 1, 1.5 or 2 stop bits generation
Internal diagnostic capabilities:
--- Loop-back controls for communications link fault isolation
--- Break, parity, overrun, framing error simulation
Programmable baud generator allows division of 1.8461 MHz and 24 MHz by 1 to (216-1)
Maximum baud rate up to 921k bps for 14.769 MHz and 1.5M bps for 24 MHz


Similar Part No. - W83697HG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
789Kb / 102P
   LPC I/O
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
More results

Similar Description - W83697HG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627THF WINBOND-W83627THF_06 Datasheet
990Kb / 142P
   Winbond LPC I/O
W83627THF WINBOND-W83627THF Datasheet
840Kb / 132P
   Winbond LPC I/O
W83627HG WINBOND-W83627HG Datasheet
1Mb / 131P
   Winbond LPC I/O
W83627DHG WINBOND-W83627DHG Datasheet
1Mb / 268P
   WINBOND LPC I/O
W83627EHF_0611 WINBOND-W83627EHF_0611 Datasheet
1Mb / 144P
   WINBOND LPC I/O
W83627UHG WINBOND-W83627UHG Datasheet
1Mb / 241P
   WINBOND LPC I/O
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com