Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC864 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # XC864
Description  8-Bit Single-Chip Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC864 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button XC864 Datasheet HTML 10Page - Infineon Technologies AG XC864 Datasheet HTML 11Page - Infineon Technologies AG XC864 Datasheet HTML 12Page - Infineon Technologies AG XC864 Datasheet HTML 13Page - Infineon Technologies AG XC864 Datasheet HTML 14Page - Infineon Technologies AG XC864 Datasheet HTML 15Page - Infineon Technologies AG XC864 Datasheet HTML 16Page - Infineon Technologies AG XC864 Datasheet HTML 17Page - Infineon Technologies AG XC864 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 118 page
background image
XC864
General Device Information
Data Sheet
10
V 1.1, 2009-03
P3
I/O
Port 3
Port 3 is an 8-bit bidirectional general purpose
I/O port. It can be used as alternate functions
for CCU6.
P3.0
16
Hi-Z
CCPOS1_2
CC60_0
CCU6 Hall Input 1
Input/Output of Capture/
Compare channel 0
P3.1
17
Hi-Z
CCPOS0_2
CC61_2
COUT60_0
CCU6 Hall Input 0
Input/Output of Capture/
Compare channel 1
Output of Capture/Compare
channel 0
VDDP
11
I/O Port Supply (3.3 or 5.0 V)
Also used by EVR and analog modules. All
pins must be connected.
VDDC
3–
Core Supply Monitor (2.5 V)
VSSC
2–
Core Supply Ground
VAREF 13
ADC Reference Voltage
VAGND/
VSSP
12
ADC Reference Ground/
I/O Ground
All pins must be connected.
TMS
4I
PD
Test Mode Select
RESET 18
I
PU
Reset Input
Table 1
Pin Definitions and Functions (cont’d)
Symbol Pin
Number
Type Reset
State
Function


Similar Part No. - XC864

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC866 INFINEON-XC866 Datasheet
1Mb / 108P
   8-Bit Single-Chip Microcontroller
V1.0, Feb 2006
XC866 INFINEON-XC866 Datasheet
5Mb / 396P
   8-Bit Single Chip Microcontroller
V 0.2, Jan 2005
XC866 INFINEON-XC866 Datasheet
1Mb / 116P
   8-Bit Single-Chip Microcontroller
V1.2, Oct. 2007
XC866-2FR INFINEON-XC866-2FR Datasheet
1Mb / 108P
   8-Bit Single-Chip Microcontroller
V1.0, Feb 2006
XC866-2FR INFINEON-XC866-2FR Datasheet
5Mb / 396P
   8-Bit Single Chip Microcontroller
V 0.2, Jan 2005
More results

Similar Description - XC864

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com