Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC864 Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # XC864
Description  8-Bit Single-Chip Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC864 Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button XC864 Datasheet HTML 75Page - Infineon Technologies AG XC864 Datasheet HTML 76Page - Infineon Technologies AG XC864 Datasheet HTML 77Page - Infineon Technologies AG XC864 Datasheet HTML 78Page - Infineon Technologies AG XC864 Datasheet HTML 79Page - Infineon Technologies AG XC864 Datasheet HTML 80Page - Infineon Technologies AG XC864 Datasheet HTML 81Page - Infineon Technologies AG XC864 Datasheet HTML 82Page - Infineon Technologies AG XC864 Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
XC864
Functional Description
Data Sheet
75
V 1.1, 2009-03
The break must contain a dominant value of 13 bits or more to ensure proper
synchronization of slave nodes.
In the LIN communication, a slave task is required to be synchronized at the beginning
of the protected identifier field of frame. For this purpose, every frame starts with a
sequence consisting of a break field followed by a synch byte field. This sequence is
unique and provides enough information for any slave task to detect the beginning of a
new frame and be synchronized at the start of the identifier field.
Upon entering LIN communication, a connection is established and the transfer speed
(baud rate) of the serial communication partner (host) is automatically synchronized in
the following steps:
STEP 1: Initialize interface for reception and timer for baud rate measurement
STEP 2: Wait for an incoming LIN frame from host
STEP 3: Synchronize the baud rate to the host
STEP 4: Enter for Master Request Frame or for Slave Response Frame
Note: Re-synchronization and setup of baud rate are always done for every Master
Request Header or Slave Response Header LIN frame.


Similar Part No. - XC864

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC866 INFINEON-XC866 Datasheet
1Mb / 108P
   8-Bit Single-Chip Microcontroller
V1.0, Feb 2006
XC866 INFINEON-XC866 Datasheet
5Mb / 396P
   8-Bit Single Chip Microcontroller
V 0.2, Jan 2005
XC866 INFINEON-XC866 Datasheet
1Mb / 116P
   8-Bit Single-Chip Microcontroller
V1.2, Oct. 2007
XC866-2FR INFINEON-XC866-2FR Datasheet
1Mb / 108P
   8-Bit Single-Chip Microcontroller
V1.0, Feb 2006
XC866-2FR INFINEON-XC866-2FR Datasheet
5Mb / 396P
   8-Bit Single Chip Microcontroller
V 0.2, Jan 2005
More results

Similar Description - XC864

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com