Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2394PW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2394PW
Description  ??8-V Hot Swap Power Manager
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2394PW Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2394PW Datasheet HTML 8Page - Texas Instruments TPS2394PW Datasheet HTML 9Page - Texas Instruments TPS2394PW Datasheet HTML 10Page - Texas Instruments TPS2394PW Datasheet HTML 11Page - Texas Instruments TPS2394PW Datasheet HTML 12Page - Texas Instruments TPS2394PW Datasheet HTML 13Page - Texas Instruments TPS2394PW Datasheet HTML 14Page - Texas Instruments TPS2394PW Datasheet HTML 15Page - Texas Instruments TPS2394PW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
´
SS
RAMP
t
= 1260
C
(
)
2
´
AVG
LSS
SS
LOAD
RAMP
SENSE
i
V
=
t
2 × C
× C
× 100 × R
(
)
´
-
LOAD
IN(MAX)
LSS
CC
REF_K(MIN)
SENSE
C
V
V
t
=
V
R
SS2
RAMP
t
= 0.35
C
´
SS2
FLT(MIN)
54
t
C
=
3.75
´
(
)
SS2
CC
FLT(MIN)
54
t
t
C
=
3.75
´
+
TPS2394
SLVSAA9 – AUGUST 2010
www.ti.com
Due to the three-phase nature of the load current at turn-on, the load voltage ramp has potentially three distinct
phases. This profile depends on the relative values of load capacitance, input DC potential, maximum current
limit and other factors. The first two phases are characterized by the two different slopes of the current ramp; the
third phase, if required to complete load charging, is the constant-current charging at IMAX. Considering the two
current ramp phases to be one period at an average di/dt simplifies calculation of the required timing capacitor.
For the TPS2394, the typical duration of the soft-start period, tSS, is given by Equation 3.
(3)
Where:
tSS is the soft-start period in ms
CRAMP is given in µF
During this current ramp period, the load voltage magnitude which is attained is estimated by Equation 4.
(4)
Where:
VLSS is the load voltage reached during soft-start
iAVG is 3.18 µA for the TPS2394
CLOAD is the load capacitance in Farads
tSS is the soft-start period in s
The quantity iAVG in Equation 4 is a weighted average of the two charge currents applied to CRAMP during turn-on,
considering the typical output values.
If the result of Equation 4 is larger than the maximum input supply value, then the load can be expected to
charge completely during the inrush slewing portion of the insertion event. However, if this voltage is less than
the maximum supply input, VIN(MAX), the HSPM transitions to the constant-current charging of the load. The
remaining amount of time required at IMAX is determined from Equation 5.
(5)
Where:
tCC is the constant-current voltage ramp time, in seconds
VREF_K(MIN) is the minimum clamp voltage, 34 mV
With this information, the minimum recommended value timing capacitor CFLT can be determined. The delay time
needed will be either a time tSS2 or the sum of tSS2 and tCC, according to the estimated time to charge the load.
The quantity tSS2 is the duration of the normal rate current ramp period, and is given by Equation 6.
(6)
Where:
CRAMP is given in µF
Since fault timing is generated by the constant-current charging of CFLT, the capacitor value is determined from
either Equation 7 or Equation 8, as appropriate.
(7)
(8)
Where:
CFLT(MIN) is the recommended capacitor value, in µ-Farads
tSS2 is the result of Equation 6, in seconds
tCC is the result of Equation 5, in seconds
12
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2394


Similar Part No. - TPS2394PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2394PW TI1-TPS2394PW Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394PWR TI1-TPS2394PWR Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
More results

Similar Description - TPS2394PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com