Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195CG-NP Datasheet(PDF) 3 Page - Winbond

Part # W83195CG-NP
Description  Winbond Clock Generator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195CG-NP Datasheet(HTML) 3 Page - Winbond

  W83195CG-NP Datasheet HTML 1Page - Winbond W83195CG-NP Datasheet HTML 2Page - Winbond W83195CG-NP Datasheet HTML 3Page - Winbond W83195CG-NP Datasheet HTML 4Page - Winbond W83195CG-NP Datasheet HTML 5Page - Winbond W83195CG-NP Datasheet HTML 6Page - Winbond W83195CG-NP Datasheet HTML 7Page - Winbond W83195CG-NP Datasheet HTML 8Page - Winbond W83195CG-NP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
W83195CG-NP
FOR INTEL NAPA PLATFORM
- II -
Tables of Content-
1.
GENERAL DESCRIPTION ......................................................................................................... 1
2.
PRODUCT FEATURES .............................................................................................................. 1
3.
PIN CONFIGURATION ............................................................................................................... 2
4.
BLOCK DIAGRAM ...................................................................................................................... 2
5.
PIN DESCRIPTION..................................................................................................................... 3
5.1
Crystal I/O.................................................................................................................................3
5.2
CPU, SRC, and PCIEX, PCI, Clock Outputs ..........................................................................3
5.3
Fixed Frequency Outputs.........................................................................................................4
5.4
I2C Control Interface ................................................................................................................4
5.5
Power Management Pins.........................................................................................................4
5.6
Power Pins................................................................................................................................5
6.
FREQUENCY SELECTION BY HARDWARE ............................................................................ 5
7.
I
2C CONTROL AND STATUS REGISTERS............................................................................... 6
7.1
Register 0: ( Default : FFh )......................................................................................................6
7.2
Register 1: ( Default : FEh ) .....................................................................................................6
7.3
Register 2: ( Default : FFh).......................................................................................................8
7.4
Register 3: ( Default : 00h )....................................................................................................8
7.5
Register 4: ( Default : 87) .........................................................................................................9
7.6
Register 5: ( Default : 00h ) ....................................................................................................10
7.7
Register 6: ( Default : XXh ) ...................................................................................................10
7.8
Register 7: Winbond Chip ID – Project Code Register ( Default : 11h )...............................11
8.
ACCESS INTERFACE .............................................................................................................. 12
8.1
Block Write protocol ...............................................................................................................12
8.2
Block Read protocol ...............................................................................................................12
8.3
Byte Write protocol .................................................................................................................12
8.4
Byte Read protocol.................................................................................................................12
9.
SPECIFICATIONS .................................................................................................................... 13
9.1
ABSOLUTE MAXIMUM RATINGS .......................................................................................13
9.2
General Operating Characteristics ........................................................................................13
9.3
Skew Group timing clock........................................................................................................14
9.4
CPU 0.7V Electrical Characteristics ......................................................................................14
9.5
SRC 0.7V Electrical Characteristics ......................................................................................14
9.6
PCIE 0.7V Electrical Characteristics......................................................................................15
9.7
PCI Electrical Characteristics.................................................................................................15
9.8
48M Electrical Characteristics................................................................................................15


Similar Part No. - W83195CG-NP

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
More results

Similar Description - W83195CG-NP

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
W83195WG-301 WINBOND-W83195WG-301 Datasheet
258Kb / 27P
   Winbond Clock Generator
W83115RG-BW WINBOND-W83115RG-BW Datasheet
357Kb / 30P
   Winbond Clock Generator
W83195WG-416 WINBOND-W83195WG-416 Datasheet
255Kb / 27P
   Winbond Clock Generator
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com