Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195CG-NP Datasheet(PDF) 17 Page - Winbond

Part # W83195CG-NP
Description  Winbond Clock Generator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195CG-NP Datasheet(HTML) 17 Page - Winbond

Back Button W83195CG-NP Datasheet HTML 13Page - Winbond W83195CG-NP Datasheet HTML 14Page - Winbond W83195CG-NP Datasheet HTML 15Page - Winbond W83195CG-NP Datasheet HTML 16Page - Winbond W83195CG-NP Datasheet HTML 17Page - Winbond W83195CG-NP Datasheet HTML 18Page - Winbond W83195CG-NP Datasheet HTML 19Page - Winbond W83195CG-NP Datasheet HTML 20Page - Winbond W83195CG-NP Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
W83195CG-NP
FOR INTEL NAPA PLATFORM
Publication Release Date: Mar. 2006
- 13 -
Revision 0.5
9. SPECIFICATIONS
9.1 ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed in this table may cause permanent damage to the device.
Precautions should be taken to avoid application of any voltage higher than the maximum rated
voltages to this circuit. Subjection to maximum conditions for extended periods may affect reliability.
Unused inputs must always be tied to an appropriate logic voltage level (Ground or VDD).
PARAMETER
RATING
Absolute 3.3V Core Supply Voltage
-0.5V to +4.6V
Absolute 3.3V I/O Supple Voltage
- 0.5V to + 4.6V
Operating 3.3V Core Supply Voltage
3.135V to 3.465V
Operating 3.3V I/O Supple Voltage
3.135V to 3.465V
Storage Temperature
- 65
°C to + 150°C
Ambient Temperature
- 55
°C to + 125°C
Operating Temperature
0
°C to + 70°C
Input ESD protection (Human body model)
2000V
9.2 General Operating Characteristics
VDD= 3.3V
± 5 %, TA = 0°C to +70°C,
Parameter
Symbol
Min
Max
Units
Test Conditions
Input Low Voltage
VIL
0.8
Vdc
Input High Voltage
VIH
2.0
Vdc
Output Low Voltage
VOL
0.4
Vdc
Output High Voltage
VOH
2.4
Vdc
Operating Supply Current
Idd
350
mA
CPU = 100 to 400 MHz
PCI = 33.3 Mhz with load 10pF
Input pin capacitance
Cin
5
pF
Output pin capacitance
Cout
6
pF
Input pin inductance
Lin
7
nH


Similar Part No. - W83195CG-NP

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
More results

Similar Description - W83195CG-NP

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
W83195WG-301 WINBOND-W83195WG-301 Datasheet
258Kb / 27P
   Winbond Clock Generator
W83115RG-BW WINBOND-W83115RG-BW Datasheet
357Kb / 30P
   Winbond Clock Generator
W83195WG-416 WINBOND-W83195WG-416 Datasheet
255Kb / 27P
   Winbond Clock Generator
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com