Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195CG-NP Datasheet(PDF) 14 Page - Winbond

Part # W83195CG-NP
Description  Winbond Clock Generator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195CG-NP Datasheet(HTML) 14 Page - Winbond

Back Button W83195CG-NP Datasheet HTML 10Page - Winbond W83195CG-NP Datasheet HTML 11Page - Winbond W83195CG-NP Datasheet HTML 12Page - Winbond W83195CG-NP Datasheet HTML 13Page - Winbond W83195CG-NP Datasheet HTML 14Page - Winbond W83195CG-NP Datasheet HTML 15Page - Winbond W83195CG-NP Datasheet HTML 16Page - Winbond W83195CG-NP Datasheet HTML 17Page - Winbond W83195CG-NP Datasheet HTML 18Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
W83195CG-NP
FOR INTEL NAPA PLATFORM
- 10 -
7.6 Register 5: ( Default : 00h )
BIT
AFFECTED PIN/
FUNCTIONNAME(S)
PWD
FUNCTION DESCRIPTION
TYPE
7
DRI_CONT
(Reserved)
0
CPUT / SRCT / PCI_EXP / DOT96_T output state
in during POWER DOWN assertion.
1: Driven
(2*Iref)
0: Tristate (Floating)
CPUT / SRCT / PCI_EXP / DOT96_T output state
in during STOP Mode assertion.
1: Driven
(6*Iref)
0: Tristate (Floating)
Complementary parts always tri-state (floating) in
power down or stop mode.
R/W
6
Reserved
0
Reserved
R/W
5
Reserved
0
Reserved
R/W
4
Reserved
0
Reserved
R/W
3
Reserved
0
Reserved
R/W
2
Reserved
0
Reserved
R/W
1
Reserved
0
Reserved
R/W
0
SEL_ITP
0
Power on latched value of ITP_EN/PCICLK_F0 pin.
SRCCLK/CPU_ITP output clock selection :
1: CPU_ITP clock output
0: SRCCLK clock output
R/W
7.7 Register 6: ( Default : XXh )
BIT
AFFECTED PIN/
FUNCTIONNAME(S)
PWD
FUNCTION DESCRIPTION
TYPE
7
Reserved
1
6
Reserved
0
5
Reserved
0
4
Reserved
0
Reserved
R/W
3
PCI/SRCCLK_STOP
1
To stop all PCICLK and SRCCLK output
1: Disable
0: Enable
R/W
2
FSC_BACK
X
Power on latched value of FSC pin.
R
1
FSB_BACK
X
Power on latched value of FSB pin.
R
0
FSA_BACK
X
Power on latched value of FSA pin.
R


Similar Part No. - W83195CG-NP

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
More results

Similar Description - W83195CG-NP

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
W83195WG-301 WINBOND-W83195WG-301 Datasheet
258Kb / 27P
   Winbond Clock Generator
W83115RG-BW WINBOND-W83115RG-BW Datasheet
357Kb / 30P
   Winbond Clock Generator
W83195WG-416 WINBOND-W83195WG-416 Datasheet
255Kb / 27P
   Winbond Clock Generator
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com