Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83L518D Datasheet(PDF) 13 Page - Winbond

Part # W83L518D
Description  Integrated Media Reader
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83L518D Datasheet(HTML) 13 Page - Winbond

Back Button W83L518D_05 Datasheet HTML 9Page - Winbond W83L518D_05 Datasheet HTML 10Page - Winbond W83L518D_05 Datasheet HTML 11Page - Winbond W83L518D_05 Datasheet HTML 12Page - Winbond W83L518D_05 Datasheet HTML 13Page - Winbond W83L518D_05 Datasheet HTML 14Page - Winbond W83L518D_05 Datasheet HTML 15Page - Winbond W83L518D_05 Datasheet HTML 16Page - Winbond W83L518D_05 Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
W83L518D
Publication Release Date: May 11, 2005
- 11 -
Revision 1.0
6.2.3
Extended Function Index Register (EFIR), Extended Function Data Register (EFDR)
After entering Extended Function mode, Extended Function Index Register (EFIR) must be written
with an index value (02h, 07h-FEh) to specify which configuration register is to be accessed through
Extended Function Data Register (EFDR). EFIR is a write-only register at I/O address 2Eh or 4Eh (as
described in section 6.2.1) on a PC/AT system and EFDR is a read/write register at I/O address 2Fh
or 4Fh.
6.3
Configuration Sequence
To program configuration registers, specific configuration sequence must be followed:
(1) Write 83h to EFER twice to enter Extended Function mode.
(2) Select logical device select register by writing 07h to EFIR.
(3) Select logical device by writing a value to EFDR.
(4) Select control/configuration register by writing its index to EFIR.
(5) Access selected control/configuration register through EFDR.
(6) Repeat step 4 ~ 5 as needed.
(7) Leave Extended Function mode by writing AAh to EFER.
Step 2 and step 3 are not necessary for accessing global register (index 00h to 2Fh).
6.3.1
Software programming example
The following example is written in Intel 8086 assembly language. EFER and EFIR are assumed to
be at 2Eh, and EFDR is at 2Fh. Use 4Eh/4Fh instead of 2Eh/2Fh if HEFRAS (bit 6 of CR26) is set.
;-----------------------------------------------------------------------------------
; Enter Extended Function mode, interruptible double-write
|
;-----------------------------------------------------------------------------------
MOV
DX, 2Eh
MOV
AL, 83h
OUT
DX, AL
OUT
DX, AL
;-----------------------------------------------------------------------------
; Configure logical device 1, configuration register CRF0 |
;-----------------------------------------------------------------------------
MOV
DX, 2Eh
MOV
AL, 07h
OUT
DX, AL
; point to Logical Device Number Reg.
MOV
DX, 2Fh
MOV
AL, 01h
OUT
DX, AL
; select logical device 1


Similar Part No. - W83L518D_05

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L518D WINBOND-W83L518D Datasheet
222Kb / 26P
   Integrated Media Reader
More results

Similar Description - W83L518D_05

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L519D WINBOND-W83L519D Datasheet
153Kb / 22P
   Integrated Media Reader
W83L518D WINBOND-W83L518D Datasheet
222Kb / 26P
   Integrated Media Reader
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
Kingston Technology Far...
FCR-HS4 KINGSTON-FCR-HS4 Datasheet
240Kb / 2P
   USB 3.0 High-Speed Media Reader
logo
NXP Semiconductors
PR533 NXP-PR533 Datasheet
615Kb / 36P
   USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
   Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
logo
Tripp Lite. All Rights ...
U352000SDR TRIPPLITE-U352000SDR Datasheet
492Kb / 2P
   USB 3.0 SuperSpeed SDXC Memory Card Media Reader-Writer
logo
NXP Semiconductors
PR601 NXP-PR601 Datasheet
242Kb / 14P
   High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
MFRC500 PHILIPS-MFRC500 Datasheet
128Kb / 12P
   Highly Integrated ISO 14443A Reader IC
January 2002
logo
Tripp Lite. All Rights ...
U352000MD TRIPPLITE-U352000MD Datasheet
484Kb / 2P
   USB 3.0 SuperSpeed Multi Drive Smart Card Flash Memory Media Reader-Writer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com