Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI20N65C3 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SPI20N65C3
Description  New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI20N65C3 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SPI20N65C3 Datasheet HTML 4Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 9Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 10Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 11Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
200
7-08-30
Rev. 3.0
Page 8
SPP20N65C3, SPA20N65C3
SPI20N65C3
13 Typ. switching time
t = f (ID), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, RG=3.6
0
4
8
12
16
A
24
ID
0
10
1
10
2
10
ns
tr
td(off)
td(on)
tf
14 Typ. switching time
t = f (RG), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, ID=20.7 A
0
5
10
15
20
25
30
40
RG
0
10
1
10
2
10
3
10
ns
td(off)
td(on)
tr
tf
15 Typ. drain current slope
di/dt
= f(RG), inductive load, Tj = 125°C
par.: VDS=380V, VGS=0/+13V, ID=20.7A
0
5
10
15
20
25
30
40
RG
0
500
1000
1500
2000
2500
3000
3500
4000
A/µs
5000
di/dt(on)
di/dt(off)
16 Typ. drain source voltage slope
dv/dt
= f(RG), inductive load, Tj = 125°C
par.: VDS=380V, VGS=0/+13V, ID=20.7A
0
5
10
15
20
25
30
40
RG
0
25
50
75
100
V/ns
150
dv/dt(on)
dv/dt(off)


Similar Part No. - SPI20N65C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI20N65C3 INFINEON-SPI20N65C3 Datasheet
784Kb / 14P
   Cool MOS??Power Transistor
2003-08-15
SPI20N65C3 INFINEON-SPI20N65C3 Datasheet
622Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-12-01
logo
Inchange Semiconductor ...
SPI20N65C3 ISC-SPI20N65C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SPI20N65C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP21N50C3 INFINEON-SPP21N50C3_07 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPP20N60C3 INFINEON-SPP20N60C3_09 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
SPB12N50C3 INFINEON-SPB12N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.4 2005-11-07
SPP17N80C3 INFINEON-SPP17N80C3_07 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.6 2007-08-30
SPN04N60S5 INFINEON-SPN04N60S5_05 Datasheet
4Mb / 10P
   New revolutionary high voltage technology Worldwide best RDS in SOT 223
Rev. 2.2 2005-02-21
SPW11N80C3 INFINEON-SPW11N80C3_11 Datasheet
509Kb / 10P
   New revolutionary high voltage technology
Rev. 2.91 2011-09-27
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPB17N80C3 INFINEON-SPB17N80C3_07 Datasheet
326Kb / 10P
   CoolMOS짰 Power Transistor Features new revolutionary high voltage technology
Rev. 2.3 2007-11-28
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com