Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRIS-F6428S Datasheet(PDF) 2 Page - International Rectifier

Part No. IRIS-F6428S
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-F6428S Datasheet(HTML) 2 Page - International Rectifier

  IRIS-F6428S Datasheet HTML 1Page - International Rectifier IRIS-F6428S Datasheet HTML 2Page - International Rectifier IRIS-F6428S Datasheet HTML 3Page - International Rectifier IRIS-F6428S Datasheet HTML 4Page - International Rectifier IRIS-F6428S Datasheet HTML 5Page - International Rectifier IRIS-F6428S Datasheet HTML 6Page - International Rectifier IRIS-F6428S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.irf.com
*1 Refer to MOS FET A.S.O curve
*2 MOS FET Tch-EAS curve
*3 Refer to MOS FET Ta-PD1 curve
*4 Refer to TF-PD2 curve for Control IC (See page 5)
*5 Maximum switching current.
The maximum switching current is the Drain current determined by the drive voltage of the IC and
threshold voltage (Vth) of MOS FET. Therefore, in the event that voltage drop occurs between Pin 2 and
Pin 5 due to patterning, the maximum switching current decreases as shown by V
2-5 in Fig.1
Accordingly please use this device within the decrease value, referring to the derating curve of the
maximum switching current.
Absolute Maximum Ratings (Ta=25ºC)
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are
absolute voltages referenced to terminals stated, all currents are defined positive into any lead. The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
IRIS-F6428S
Symbol
Definition
Terminals Max. Ratings
Units
Note
IDpeak
Drain Current
*1
3-2
36
A
Single Pulse
V2-5=0.78V
Ta=-20~+125℃
Vdd=30V, L=50mA
IL peak=9.2A
Vin
Input voltage for control part
4-5
35
V
Vth
O.C.P/F.B Pin voltage
1-5
6
V
58
W
With infintite heatsink
2.8
W
Without heatsink
Power dissipation for control part
(Control IC) *4
Internal frame temperature
Refer to recommended
in operation
operating temperature
Top
Operating ambient temperature
-
-20 ~ +125
Tstg
Storage temperature
-
-40 ~ +125
Tch
Channel temperature
-
150
Specified by Vin×Iin
-
TF
-20 ~ +125
4-5
PD2
0.49
W
A
Single pulse avalanche energy *2
3-2
EAS
647
mJ
Maximum switching current *5
3-2
IDMAX
22
Single Pulse
PD1
Power dissipation for MOSFET *3
3-2
V2-5
Fig.1
- Recommended operating conditions
Time for input of quasi resonant signals
For the quasi resonant signal inputted to O.C.P/F.B Pin at the time
of quasi resonant operation, the signal shall be wider than T
th(2).
Vth(2)
O.C.P/F.B
Tth(2)≧1.0μsec
0V


Similar Part No. - IRIS-F6428S

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRIS-F6426S IRF-IRIS-F6426S Datasheet
265Kb / 7P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-F6428S

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-W6753 IRF-IRIS-W6753 Datasheet
241Kb / 8P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
IRIS-A6151 IRF-IRIS-A6151 Datasheet
394Kb / 7P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS4011 IRF-IRIS4011 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS-F6456S IRF-IRIS-F6456S Datasheet
274Kb / 7P
   INTEGRATED SWITCHER
IRIS4009 IRF-IRIS4009 Datasheet
58Kb / 6P
   INTEGRATED SWITCHER
IRLSG5653 IRF-IRLSG5653 Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz