Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807-16W Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BC807-16W
Description  PNP Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC807-16W Datasheet(HTML) 2 Page - Infineon Technologies AG

  BC807-16W Datasheet HTML 1Page - Infineon Technologies AG BC807-16W Datasheet HTML 2Page - Infineon Technologies AG BC807-16W Datasheet HTML 3Page - Infineon Technologies AG BC807-16W Datasheet HTML 4Page - Infineon Technologies AG BC807-16W Datasheet HTML 5Page - Infineon Technologies AG BC807-16W Datasheet HTML 6Page - Infineon Technologies AG BC807-16W Datasheet HTML 7Page - Infineon Technologies AG BC807-16W Datasheet HTML 8Page - Infineon Technologies AG BC807-16W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2007-06-08
2
BC807.../BC808...
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BC807...
BC808...
VCEO
45
25
V
Collector-base voltage
BC807...
BC808...
VCBO
50
30
Emitter-base voltage
VEBO
5
Collector current
IC
500
mA
Peak collector current
ICM
1000
Base current
IB
100
Peak base current
IBM
200
Total power dissipation-
TS ≤ 79 °C BC807, BC808
TS ≤ 130 °C BC807W, BC808W
Ptot
330
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BC807, BC808
BC807W, BC808W
RthJS
≤ 215
≤ 80
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BC807-16W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807-16W PHILIPS-BC807-16W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
logo
Taiwan Semiconductor Co...
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
   200mW, PNP Small Signal Transistor
logo
Siemens Semiconductor G...
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
SUNMATE electronic Co.,...
BC807-16W SUNMATE-BC807-16W Datasheet
612Kb / 3P
   PNP SILICON GENERAL PURPOSE TRANSISTORS
logo
Infineon Technologies A...
BC807-16W INFINEON-BC807-16W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
More results

Similar Description - BC807-16W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com