Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817UPN Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BC817UPN
Description  NPN Silicon AF Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817UPN Datasheet(HTML) 3 Page - Infineon Technologies AG

  BC817UPN_07 Datasheet HTML 1Page - Infineon Technologies AG BC817UPN_07 Datasheet HTML 2Page - Infineon Technologies AG BC817UPN_07 Datasheet HTML 3Page - Infineon Technologies AG BC817UPN_07 Datasheet HTML 4Page - Infineon Technologies AG BC817UPN_07 Datasheet HTML 5Page - Infineon Technologies AG BC817UPN_07 Datasheet HTML 6Page - Infineon Technologies AG BC817UPN_07 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007-04-20
3
BC817UPN
DC current gain hFE = ƒ(IC)
VCE = 1 V
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
A
IC
1
10
2
10
3
10
105 °C
85 °C
65 °C
25 °C
-40 °C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
0
10
EHP00223
BC 817/818
CEsat
V
0.4
V
0.8
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
0.2
0.6
˚C
-50
25 ˚C
150 ˚C
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 10
0
10
EHP00222
BC 817/818
BEsat
V
2.0
V
4.0
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
1.0
3.0
˚C
-50
25 ˚C
˚C
150
Collector cutoff current ICBO = ƒ(TA)
VCBO = 25 V
0
10
EHP00221
BC 817/818
A
T
150
0
5
10
Ι
CBO
nA
50
100
1
10
2
10
4
10
˚C
typ
max
103


Similar Part No. - BC817UPN_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN_11 Datasheet
530Kb / 7P
   NPN Silicon AF Transistor Array
2011-09-15
More results

Similar Description - BC817UPN_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN_11 Datasheet
530Kb / 7P
   NPN Silicon AF Transistor Array
2011-09-15
BCM846SH6327 INFINEON-BCM846SH6327 Datasheet
546Kb / 9P
   NPN Silicon AF Transistor Array
2011-10-05
BC847S INFINEON-BC847S Datasheet
57Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BCM846S INFINEON-BCM846S_07 Datasheet
91Kb / 9P
   NPN Silicon AF Transistor Array
2007-04-26
BC846S INFINEON-BC846S Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BCM846S INFINEON-BCM846S Datasheet
184Kb / 7P
   NPN Silicon AF Transistor Array
Aug-30-2002
BC846U INFINEON-BC846U Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
SMBTA06U INFINEON-SMBTA06U Datasheet
51Kb / 5P
   NPN Silicon AF Transistor Array
Nov-30-2001
BC817U INFINEON-BC817U_07 Datasheet
76Kb / 7P
   NPN Silicon AF Transistor Array
2007-04-20
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com