Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBY58-02L Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BBY58-02L
Description  Silicon Tuning Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY58-02L Datasheet(HTML) 1 Page - Infineon Technologies AG

  BBY58-02L Datasheet HTML 1Page - Infineon Technologies AG BBY58-02L Datasheet HTML 2Page - Infineon Technologies AG BBY58-02L Datasheet HTML 3Page - Infineon Technologies AG BBY58-02L Datasheet HTML 4Page - Infineon Technologies AG BBY58-02L Datasheet HTML 5Page - Infineon Technologies AG BBY58-02L Datasheet HTML 6Page - Infineon Technologies AG BBY58-02L Datasheet HTML 7Page - Infineon Technologies AG BBY58-02L Datasheet HTML 8Page - Infineon Technologies AG BBY58-02L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2007-09-19
1
BBY58...
Silicon Tuning Diodes
• Excellent linearity
• High Q hyperabrupt tuning diode
• Low series resistance
• Designed for low tuning voltage operation
for VCO's in mobile communications equipment
• For low frequency control elements
such as TCXOs and VCXOs
• Very low capacitance spread
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BBY58-02L/V
BBY58-02W
BBY58-03W
BBY58-06W
BBY58-05W

!

,
, 
!

,
, 
Type
Package
Configuration
LS(nH) Marking
BBY58-02L
BBY58-02V
BBY58-02W
BBY58-03W
BBY58-05W
BBY58-06W
TSLP-2-1
SC79
SCD80
SOD323
SOT323
SOT323
single, leadless
single
single
single
common cathode
common anode
0.4
0.6
0.6
0.6
1.4
1.4
88
8
88
8 yel.
B5s
B6s
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
10
V
Forward current
IF
20
mA
Operating temperature range
Top
-55 ... 150
°C
Storage temperature
Tstg
-55 ... 150
1Pb-containing package may be available upon special request


Similar Part No. - BBY58-02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY58-02L INFINEON-BBY58-02L Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
More results

Similar Description - BBY58-02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
   Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55 Datasheet
411Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66_07 Datasheet
92Kb / 8P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
logo
New Jersey Semi-Conduct...
MVAM108 NJSEMI-MVAM108 Datasheet
91Kb / 1P
   SILICON TUNING DIODES
logo
Infineon Technologies A...
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
   Silicon Tuning Diodes
2007-04-20
BBY58 INFINEON-BBY58 Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com