Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBA150 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DBA150
Description  15.0A Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBA150 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DBA150 Datasheet HTML 1Page - Sanyo Semicon Device DBA150 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Silicon Diffused Junction Type
15.0A Single-Phase Bridge Rectifier
Ordering number:EN2222B
DBA150
52098HA (KT)/82595GI (KOTO) 3019TA, TS No.2222-1/2
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CC
0
5
1
A
B
DG
0
5
1
A
B
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
20
0
6V
t
n
e
r
r
u
C
d
e
i
f
i
t
i
c
e
R
e
g
a
r
e
v
AIO
5
.
4A
0
.
5
1
A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
0
0
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
0
4
e
g
a
t
l
o
V
n
o
i
t
a
l
u
s
n
IV S
I
2V
k
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Features
· Plastic molded structure.
· High reliability attained by glass passivation.
· Peak reverse voltage:VRM=200, 600V.
· Average rectified current:IO=15A.
˚C
˚C
Package Dimensions
unit:mm
1170
[DBA150]
Note:Tightening torque:0.98N·m max.
Note*:Per constituent element of bridge.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
*
A
5
.
7
=
5
0
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
h
c
a
e
t
A
:V
*
M
R
0
1A
µ
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T)
c
-
j
(
h
t
Re
s
a
C
-
n
o
i
t
c
n
u
J
3
.
2
˚C/W
Ta=40˚C
Ta=40˚C, with 270
×270×3.0mm3 Cu fin


Similar Part No. - DBA150

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150 Datasheet
22Kb / 2P
   15.0A Single-Phase Bridge Rectifier
DBA150 SANYO-DBA150_00 Datasheet
22Kb / 2P
   15.0A Single-Phase Bridge Rectifier
More results

Similar Description - DBA150

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150_00 Datasheet
22Kb / 2P
   15.0A Single-Phase Bridge Rectifier
logo
List of Unclassifed Man...
TB1505 ETC2-TB1505 Datasheet
237Kb / 5P
   15.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB1505 TAITRON-TB1505 Datasheet
237Kb / 5P
   15.0A Single-Phase Bridge Rectifier
TB1505W TAITRON-TB1505W Datasheet
243Kb / 5P
   15.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJL25J SMCDIODE-GBJL25J Datasheet
313Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
GBU15005 SMCDIODE-GBU15005 Datasheet
340Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. A
GBJL15J SMCDIODE-GBJL15J Datasheet
329Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
GBJ15005 SMCDIODE-GBJ15005 Datasheet
350Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. E
logo
Gulf Semiconductor
KBPC15005 GULFSEMI-KBPC15005 Datasheet
2Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 15.0A
GSIB1505 GULFSEMI-GSIB1505 Datasheet
146Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 15.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com