Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD11NM60ND Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD11NM60ND
Description  N-channel 600 V, 0.37 廓, 10 A, FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD11NM60ND Datasheet(HTML) 1 Page - STMicroelectronics

  STD11NM60ND_10 Datasheet HTML 1Page - STMicroelectronics STD11NM60ND_10 Datasheet HTML 2Page - STMicroelectronics STD11NM60ND_10 Datasheet HTML 3Page - STMicroelectronics STD11NM60ND_10 Datasheet HTML 4Page - STMicroelectronics STD11NM60ND_10 Datasheet HTML 5Page - STMicroelectronics STD11NM60ND_10 Datasheet HTML 6Page - STMicroelectronics STD11NM60ND_10 Datasheet HTML 7Page - STMicroelectronics STD11NM60ND_10 Datasheet HTML 8Page - STMicroelectronics STD11NM60ND_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
October 2010
Doc ID 14625 Rev 2
1/19
19
STD11NM60ND, STF/I11NM60ND
STP11NM60ND, STU11NM60ND
N-channel 600 V, 0.37
Ω, 10 A, FDmesh™ II Power MOSFET
I2PAK, TO-220, TO-220FP, IPAK, DPAK
Features
The worldwide best RDS(on)* area amongst the
fast recovery diode devices
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Extremely high dv/dt and avalanche
capabilities
Application
Switching applications
Description
The device is an N-channel FDmesh™ II Power
MOSFET that belongs to the second generation
of MDmesh™ technology. This revolutionary
Power MOSFET associates a new vertical
structure to the company's strip layout and
associates all advantages of reduced on-
resistance and fast switching with an intrinsic fast-
recovery body diode.It is therefore strongly
recommended for bridge topologies, in particular
ZVS phase-shift converters.
Figure 1.
Internal schematic diagram
Order codes
VDSS (@Tjmax)RDS(on) max
ID
STD11NM60ND
STF11NM60ND
STI11NM60ND
STP11NM60ND
STU11NM60ND
650 V
< 0.45
Ω
10 A
10 A(1)
10 A
10 A
10 A
1.
Limited only by maximum temperature allowed
TO-220
TO-220FP
I²PAK
1
2
3
1
2
3
1
2
3
IPAK
DPAK
1
3
3
2
1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD11NM60ND
STF11NM60ND
STI11NM60ND
STP11NM60ND
STU11NM60ND
11NM60ND
DPAK
TO-220FP
I2PAK
TO-220
IPAK
Tape and reel
Tube
Tube
Tube
Tube
www.st.com


Similar Part No. - STD11NM60ND_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11NM60ND STMICROELECTRONICS-STD11NM60ND Datasheet
530Kb / 18P
   N-channel 600V - 0.37廓 - 10A - FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
logo
Inchange Semiconductor ...
STD11NM60ND ISC-STD11NM60ND Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STD11NM60ND_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11NM60ND STMICROELECTRONICS-STD11NM60ND Datasheet
530Kb / 18P
   N-channel 600V - 0.37廓 - 10A - FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STB4NK60Z STMICROELECTRONICS-STB4NK60Z_08 Datasheet
578Kb / 20P
   N-channel 600 V - 1.76 廓 - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STB15NM60ND STMICROELECTRONICS-STB15NM60ND Datasheet
600Kb / 19P
   N-channel 600 V - 0.27 廓 - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
STB21NM60ND STMICROELECTRONICS-STB21NM60ND_09 Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STX25NM60ND STMICROELECTRONICS-STX25NM60ND Datasheet
600Kb / 18P
   N-channel 600 V, 0.13 廓, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STD4NK60ZT4 STMICROELECTRONICS-STD4NK60ZT4 Datasheet
970Kb / 28P
   N-channel 600 V, 1.76 廓, 4 A SuperMESH??Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com