Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS125 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BAS125
Description  Silicon Schottky Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS125 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BAS125 Datasheet HTML 1Page - Infineon Technologies AG BAS125 Datasheet HTML 2Page - Infineon Technologies AG BAS125 Datasheet HTML 3Page - Infineon Technologies AG BAS125 Datasheet HTML 4Page - Infineon Technologies AG BAS125 Datasheet HTML 5Page - Infineon Technologies AG BAS125 Datasheet HTML 6Page - Infineon Technologies AG BAS125 Datasheet HTML 7Page - Infineon Technologies AG BAS125 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2007-04-19
6
BAS125...
Package SOT323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
0.1 MAX.
0.15
+0.1
-0.05
0.3
+0.1
±0.1
0.9
12
3
A
±0.2
2
-0.05
0.65
0.65
M
3x
0.1
0.1
M
0.2
A
0.2
4
2.15
1.1
Pin 1
Pin 1
2005, June
Date code (YM)
BCR108W
Type code
0.6
0.65
0.65
Manufacturer


Similar Part No. - BAS125

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
logo
Guangdong Kexin Industr...
BAS125 KEXIN-BAS125 Datasheet
38Kb / 2P
   Silicon Schottky Diodes
logo
Siemens Semiconductor G...
BAS125-04 SIEMENS-BAS125-04 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
logo
Guangdong Kexin Industr...
BAS125-04 KEXIN-BAS125-04 Datasheet
38Kb / 2P
   Silicon Schottky Diodes
logo
Siemens Semiconductor G...
BAS125-04W SIEMENS-BAS125-04W Datasheet
106Kb / 5P
   Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
More results

Similar Description - BAS125

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT1503WE6327 INFINEON-BAT1503WE6327 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com