Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6701 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # CPH6701
Description  DC/DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6701 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  CPH6701 Datasheet HTML 1Page - Sanyo Semicon Device CPH6701 Datasheet HTML 2Page - Sanyo Semicon Device CPH6701 Datasheet HTML 3Page - Sanyo Semicon Device CPH6701 Datasheet HTML 4Page - Sanyo Semicon Device CPH6701 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CPH6701
No.6007–4/5
Ambient Temperature, Ta –
°C
P C - Ta
Forward Voltage, IF –V
I F - VF
Reverse Voltage, VR –V
C - VR
Reverse Voltage, VR –V
I R - VR
Time, t – s
I S - t
Collector-to-Base Voltage, VCB –V
Cob - VCB
Collector-to-Emitter Voltage, VCE –V
A S O
f=1MHz
f=1MHz
Current waveform 50Hz sine wave
20ms
1s
t
[TR]
[TR]
[TR]
[SBD]
IC
ICP
Ta=125°C
100°C
50
°C
75
°C
25°C
500
µ
s
10ms
100ms
DC
operation
12
8
4
0
0.3
0.4
0.5
0.6
0.2
0.1
0
6
8
10
12
14
4
2
0
14
10
6
2
7
1.0
10
0.1
5
32
7
5
3
7 0.01
0.1
27
5
3
1.0
27
5
32
3
2
7
5
3
2
1.0
0.1
0.01
7
5
3
2
3
2
7
5
3
2
7
7
5
3
2
0.001
0.01
7
5
3
2
100
10
7
5
3
2
5
3
2
7
5
3
2
020
0.2
0.4
0.8
1.0
1.2
1.6
1.4
1.3
0.6
0
40
60
80
100
120
140
160
2
3
5
7
2
3
5
7
2
3
5
7
22
35
7
3
5
2
35
7
2
3
5
7
2
3
5
7
2
3
5
7
-0.1
-1.0
1.0
10
100
1000
-1.0
-10
-0.1
-10
-1.0
-10
2
3
57
2
3
57
2
Ta=25
°C
Single pulse
Mounted on a ceramic board(600mm2
×0.8mm)
Mounted
on
a ceramic
board
(600mm
2×
0.8mm)
[SBD]
[SBD]
[SBD]


Similar Part No. - CPH6701

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6702 SANYO-CPH6702 Datasheet
50Kb / 4P
   DC/DC Converter Applications
CPH6704 SANYO-CPH6704 Datasheet
49Kb / 4P
   CPH6704
More results

Similar Description - CPH6701

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com