Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD20N03L Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD20N03L
Description  OptiMOS Buck converter series Feature Ideal for fast switching buck converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD20N03L Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD20N03L_08 Datasheet HTML 1Page - Infineon Technologies AG IPD20N03L_08 Datasheet HTML 2Page - Infineon Technologies AG IPD20N03L_08 Datasheet HTML 3Page - Infineon Technologies AG IPD20N03L_08 Datasheet HTML 4Page - Infineon Technologies AG IPD20N03L_08 Datasheet HTML 5Page - Infineon Technologies AG IPD20N03L_08 Datasheet HTML 6Page - Infineon Technologies AG IPD20N03L_08 Datasheet HTML 7Page - Infineon Technologies AG IPD20N03L_08 Datasheet HTML 8Page - Infineon Technologies AG IPD20N03L_08 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2008-09-01
Page 4
IPD20N03L
G
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80 100 120 140 160
°C 190
TC
0
5
10
15
20
25
30
35
40
W
50
IPD20N03L
2 Drain current
ID = f (TC)
parameter: VGS
 10 V
0
20
40
60
80 100 120 140 160
°C 190
TC
0
4
8
12
16
20
24
A
32
IPD20N03L
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC = 25 °C
10
-1
10
0
10
1
10
2
V
VDS
0
10
1
10
2
10
3
10
A
IPD20N03L
DC
10 ms
1 ms
100 µs
tp = 24.0µs
4 Transient thermal impedance
ZthJC = f (tp)
parameter : D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-4
10
-3
10
-2
10
-1
10
0
10
1
10
K/W
IPD20N03L
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - IPD20N03L_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD20N03LG INFINEON-IPD20N03LG Datasheet
9Mb / 9P
   OptiMOS??Buck converter series
2008-09-01
More results

Similar Description - IPD20N03L_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD20N03L INFINEON-IPD20N03L Datasheet
158Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L Datasheet
156Kb / 8P
   OptiMOS Buck converter series
2003-03-17
IPP10N03L INFINEON-IPP10N03L Datasheet
452Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP04N03L INFINEON-IPP04N03L Datasheet
455Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L_06 Datasheet
198Kb / 8P
   OptiMOS Buck converter series
Rev. 2.3 2006-12-01
IPD09N03L INFINEON-IPD09N03L Datasheet
135Kb / 8P
   OptiMOS Buck converter series
2002-01-17
IPD12N03L INFINEON-IPD12N03L Datasheet
152Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP05N03L INFINEON-IPP05N03L Datasheet
449Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP15N03L INFINEON-IPP15N03L Datasheet
448Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPD04N03L INFINEON-IPD04N03L Datasheet
388Kb / 8P
   OptiMOS Buck converter series
2003-01-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com