Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9954XPTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9954XPTR
Description  Door actuator driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954XPTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9954XPTR Datasheet HTML 6Page - STMicroelectronics L9954XPTR Datasheet HTML 7Page - STMicroelectronics L9954XPTR Datasheet HTML 8Page - STMicroelectronics L9954XPTR Datasheet HTML 9Page - STMicroelectronics L9954XPTR Datasheet HTML 10Page - STMicroelectronics L9954XPTR Datasheet HTML 11Page - STMicroelectronics L9954XPTR Datasheet HTML 12Page - STMicroelectronics L9954XPTR Datasheet HTML 13Page - STMicroelectronics L9954XPTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical specifications
L9954 / L9954XP
10/37
Doc ID 14279 Rev 3
2.4
Electrical characteristics
VS = 8 to 16V, VCC = 4.5 to 5.3V, Tj = - 40 to 150°C, unless otherwise specified. The
voltages are referred to GND and currents are assumed positive, when the current flows into
the pin.
Table 6.
Temperature warning and thermal shutdown
Symbol
Parameter
Min.
Typ.
Max. Unit
TjTW ON
Temperature warning threshold junction
temperature
Tj
130
150
°C
TjSD ON
Thermal shutdown threshold junction
temperature
Tj
increasing
170
°C
TjSD OFF
Thermal shutdown threshold junction
temperature
Tj
decreasing
150
°C
TjSD HYS Thermal shutdown hysteresis
5
°K
Table 7.
Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max
Unit
VS
Operating supply voltage
range
728
V
IS
VS DC supply current
VS = 16V, VCC = 5.3V
active mode
OUT1 - OUT6 floating
720
mA
VS quiescent supply current
VS = 16V, VCC = 0V
standby mode
OUT1 - OUT6 floating
Ttest = -40°C, 25°C
412
µA
Ttest = 85°C
(1)
1.
Guaranteed by design.
625
µA
ICC
VCC DC supply current
VS = 16V, VCC = 5.3V
CSN = VCC , active mode
13
mA
VCC quiescent supply
current
VS = 16V, VCC = 5.3V
CSN = VCC standby mode
OUT1 - OUT6 floating
25
50
µA
IS + ICC
Sum quiescent supply
current
VS = 16V, VCC = 5.3V
CSN = VCC
standby mode
OUT1 - OUT6 floating
Ttest = 130°C
50
100
µA


Similar Part No. - L9954XPTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9954XP STMICROELECTRONICS-L9954XP Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - L9954XPTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
   Door actuator driver
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
   DOOR ACTUATOR DRIVER
July 2004 REV. 3
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
   DOOR ACTUATOR DRIVER
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
   Door actuator driver
September 2013 Rev 4
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
   Door actuator driver
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
   Door actuator driver
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
   Door actuator driver
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
   DOOR ACTUATOR DRIVER
L9953LXP STMICROELECTRONICS-L9953LXP Datasheet
363Kb / 35P
   Door actuator driver
L9951 STMICROELECTRONICS-L9951_10 Datasheet
538Kb / 36P
   Rear door actuator driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com