Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR89 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BAR89
Description  Silicon PIN Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR89 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BAR89_07 Datasheet HTML 1Page - Infineon Technologies AG BAR89_07 Datasheet HTML 2Page - Infineon Technologies AG BAR89_07 Datasheet HTML 3Page - Infineon Technologies AG BAR89_07 Datasheet HTML 4Page - Infineon Technologies AG BAR89_07 Datasheet HTML 5Page - Infineon Technologies AG BAR89_07 Datasheet HTML 6Page - Infineon Technologies AG BAR89_07 Datasheet HTML 7Page - Infineon Technologies AG BAR89_07 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2007-04-19
7
BAR89...
Package TSLP-2-7
1
2
±0.05
0.6
1
2
0.05 MAX.
+0.01
0.39 -0.03
1) Dimension applies to plated terminal
Cathode
marking
1)
±0.035
0.5
Bottom view
Top view
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 15.000 Pieces/Reel
Reel ø330 mm = 50.000 Pieces/Reel (optional)
For board assembly information please refer to Infineon website "Packages"
0.45
Copper
Solder mask
Stencil apertures
0.6
0.76
4
0.5
Cathode
marking
BAR90-02LRH
Type code
Cathode marking
Laser marking


Similar Part No. - BAR89_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR89-02L INFINEON-BAR89-02L Datasheet
427Kb / 6P
   Silicon PIN Diode
Jul-15-2003
More results

Similar Description - BAR89_07

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com