Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F36CA6DFB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F36CA6DFB
Description  RENESAS MCU
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CA6DFB Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F36CA6DFB Datasheet HTML 1Page - Renesas Technology Corp R5F36CA6DFB Datasheet HTML 2Page - Renesas Technology Corp R5F36CA6DFB Datasheet HTML 3Page - Renesas Technology Corp R5F36CA6DFB Datasheet HTML 4Page - Renesas Technology Corp R5F36CA6DFB Datasheet HTML 5Page - Renesas Technology Corp R5F36CA6DFB Datasheet HTML 6Page - Renesas Technology Corp R5F36CA6DFB Datasheet HTML 7Page - Renesas Technology Corp R5F36CA6DFB Datasheet HTML 8Page - Renesas Technology Corp R5F36CA6DFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
REJ03B0277-0100 Rev.1.00 Jul.15, 2009
Page 3 of 90
M16C/6C Group
1. Overview
Notes:
1.
IEBus is a registered trademark of NEC Electronics Corporation.
2.
Refer to Table 1.2 “Specifications (2/2)” and Table 1.3 “Product List”regarding operating temperature.
Table 1.2
Specifications (2/2)
Item
Function
Description
Timers
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode, pulse width
modulation (PWM) mode
Event counter two-phase pulse signal processing (two-phase encoder
input) × 3
Programmable output mode × 3
Timer B
16-bit timer × 6
Timer mode, event counter mode, pulse period measurement mode,
pulse width measurement mode
Three-phase motor control
timer functions
Three-phase inverter control (timer A1, timer A2, timer A4, timer B2)
On-chip dead time timer
Real-time clock
Count: second, minute, hour, day of the week
Timer S (Input capture/output
compare)
Input base timer: 16 bits X 1
I/O: 8 channels
Time measurement register, Waveform generation register: 16 bits X
8
Serial
Interface
UART0 to UART5
Clock synchronous/asynchronous × 6 channels
I2C-bus, IEBus(1),
Special mode 2, SIM (UART2)
Multi-master I2C-bus Interface
1 channel
USB Functions
Full speed (12 Mbps, USB 2.0 compliant)
Transfer type: Control IN/OUT, Bulk IN X 2, Bulk OUT X 2,
Interrupt IN X 2
FIFO size: 584 bytes
Setup 8 bytes
Control IN 16 bytes
Control OUT 16 bytes
Interrupt IN 16 bytes: 2 channels
Bulk IN 64 bytes X 2: 2 channels
Bulk OUT 64 bytes X 2: 2 channels
A/D Converter
10-bit resolution × 26 channels (2 circuits), including sample and hold
function
Conversion time: 1.72
μs
D/A Converter
8-bit resolution × 2 circuits
CRC Calculator
CRC-CCITT (X16 + X12 + X5 + 1), CRC-16 (X16 + X15 + X2 + 1)
compliant
Flash Memory
Program/erase power supply voltage: 2.7 to 5.5 V
Program/erase cycles: 1,000 times (program ROM 1, program ROM
2), or 10,000 times (data flash)
Program security: ROM code protect, ID code check
Debug Functions
On-chip debug, on-board flash rewrite, address match interrupt × 4
Operation Frequency/Supply Voltage
32 MHz/VCC1 = 2.7 to 5.5 V, VCC2 = 2.7 V to VCC1
Current Consumption
27 mA (32 MHz/VCC1 = VCC2 = 3 V)
2.0
μA(VCC1 = VCC2 = 3 V (in stop mode)
Operating Temperature
-20°C to 85°C, -40°C to 85°C (2),
Package
100-pin QFP: PRQP0100JD-B (Previous package code: 100P6F-A)
100-pin LQFP: PLQP0100KB-A (Previous package code: 100P6Q-A)


Similar Part No. - R5F36CA6DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F36CA6DFB RENESAS-R5F36CA6DFB Datasheet
769Kb / 99P
   This MCU consumes low power, and supports operating modes that allow additional
R5F36CA6DFB RENESAS-R5F36CA6DFB Datasheet
788Kb / 100P
   RENESAS MCU
More results

Similar Description - R5F36CA6DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com