Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPH6302 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. CPH6302
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

CPH6302 Datasheet(HTML) 3 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.5939-3/4
CPH6302
ID=–3A
Drain Current, ID –A
SW Time - I D
Drain-to-Source Voltage, VDS –V
A S O
Ambient Temperature, Ta – ˚C
P D - Ta
td(off)
tf
tr
td(on)
VDD=–15V
VGS=–10V
IDP=–12A
Operation in this area
is limited by RDS(on).
1ms
10ms
100ms
DC
operation
Ta=25
°C
1 Pulse
Mounted on a ceramic board (900mm2
×0.8mm)
Mounted
on
a
ceramic
board
(900mm
2×
0.8mm)
Drain-to-Source Voltage, VDS –V
Ciss,Coss,Crss - VDS
Total Gate Charge, Qg – nC
VGS - Qg
f = 1MHz
Ciss
Coss
Crss
VDS=–10V
ID=–3A
100
µs
10
100
1000
10000
2
3
5
7
2
3
5
7
2
3
5
7
0
-10
-20
-5
-15
-25
-30
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-2
-4
-6
-8
-10
-12
0
1.0
10
100
1000
-0.1
-1.0
-10
2
3
5
7
2
3
5
7
2
3
5
7
57
2
3
5
7
2
3
5
7
-0.01
-0.01
-1.0
-0.1
-10
-0.1
-1.0
-10
23
5 7
2
3
5
5
72
3
2
3
57
2
3
5
7
2
3
5
7
2
3
2
3
5
7
020
0.4
0.2
0.6
0.8
1.8
1.2
1.4
1.6
1.0
40
60
80
100
120
140
160
0
Ambient Temperature, Ta – ˚C
R DS(on) - Ta
Diode Forward Voltage, VSD –V
I F - VSD
VGS=0
ID=–0.5A,V
GS=–4V
ID=–1.5A,V
GS=–10V
-60
-40
-20
0
20
40
60
80
100
120
140
0
100
200
300
400
500
0
-0.001
-0.01
-0.1
-10
-1.0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SJ417Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
2SJ578Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK2623Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK3072Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3307Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH5602Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH6306Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
FW203Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
FX606Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
MCH3302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn