Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYD167A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BYD167A
Description  ULTRA FAST LOW-LOSS RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD167A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BYD167A Datasheet HTML 1Page - EIC discrete Semiconductors BYD167A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - MAXIMUM PERMISSIBLE AVERAGE FORWARD
FIG.2 - MAXIMUM STEADY STATE POWER DISSIPATION
CURRENT AS A FUNCTION OF TIE-POINT TEMPERATURE
AS A FUNCTION OF AVERAGE FORWARD CURRENT
0
40
80
120
160
200
0
0.4
0.8
1.2
1.6
TIE-POINT TEMPERATURE, Ttp (
°C)
FIG.3 - FORWARD CURRENT AS FUNCTION OF
FIG.4 - REVERSE CURRENT AS FUNCTION OF
FORWARD VOLTAGE; TYPICAL VOLTAGE
REVERSE VOLTAGE; TYPICAL VALUES
0
200
400
600
Page 2 of 2
Rev. 00 : February 13, 2008
RATING AND CHARACTERISTIC CURVES ( BYD167A )
3
2
1
0
0
3
a =3
a = IF(RMS)/IF(AV) ; VR = VRRMmax; δ = 0.5
2.5
2
1.57
1.42
2
1
AVERAGE FORWARD CURRENT, I F(AV) (A)
10
1
0.01
0.1
REVERSE VOLTAGE, VR ( V)
TJ = 25 °C
TJ = 100 °C
FORWARD VOLTAGE, V F (V)
0
10
8
6
4
2
0
0.4
0.8
1.2
1.6
2.0
TJ = 25 °C
TJ = 100 °C
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - BYD167A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD167 PHILIPS-BYD167 Datasheet
48Kb / 8P
   Ultra fast low-loss rectifier
1999 Nov 11
logo
Zowie Technology Corpor...
BYD167ZH ZOWIE-BYD167ZH Datasheet
46Kb / 2P
   Ultrafast Efficient Rectifier
More results

Similar Description - BYD167A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD127 PHILIPS-BYD127 Datasheet
48Kb / 8P
   Ultra fast low-loss rectifier
1999 Nov 15
BYD147 PHILIPS-BYD147 Datasheet
48Kb / 8P
   Ultra fast low-loss rectifier
1999 Nov 11
BYD167 PHILIPS-BYD167 Datasheet
48Kb / 8P
   Ultra fast low-loss rectifier
1999 Nov 11
BYV160 PHILIPS-BYV160 Datasheet
65Kb / 8P
   Ultra fast low-loss rectifier
2000 Feb 01
BYD143 PHILIPS-BYD143 Datasheet
65Kb / 8P
   Ultra fast low-loss rectifier
1999 Feb 10
logo
EIC discrete Semiconduc...
BYD127A EIC-BYD127A Datasheet
109Kb / 2P
   ULTRA FAST LOW-LOSS RECTIFIER
BYD147A EIC-BYD147A Datasheet
108Kb / 2P
   ULTRA FAST LOW-LOSS RECTIFIER
logo
NXP Semiconductors
BYD123 PHILIPS-BYD123 Datasheet
65Kb / 8P
   Ultra fast low-loss rectifier
1999 Feb 10
BYD163 PHILIPS-BYD163 Datasheet
65Kb / 8P
   Ultra fast low-loss rectifier
1999 Feb 10
BYV99 PHILIPS-BYV99 Datasheet
53Kb / 8P
   Ultra fast low-loss controlled avalanche rectifier
1996 Feb 19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com