Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5515BP15B725 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 5515BP15B725
Description  5.5 GHz Band Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5515BP15B725 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  5515BP15B725 Datasheet HTML 1Page - Johanson Technology Inc. 5515BP15B725 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“High Frequency Ceramic Solutions”
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
www.johanson technology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
Input Power
Impedance
Operating Temperature Range
500 mW max
50
-40 to +85°C
Part
Frequency
Insertion
Return
Number
(MHz)
Loss
Attenuation (min.)
Loss
5515BP15B725_
5150 - 5875
1.5 dB max.
30 dB @ 3500 MHz
9.5 dB min.
5.5 GHz Band Pass Filter
P/N 5515BP15B725
Detail Specification
02/07/03
Page 1 of 2
Mounting Considerations
• Mount these devices with brown mark facing up.
• Line width should be designed to provide 50
Ω impedance matching characteristics.
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
Mechanical Dimensions
Terminal Configuration
No.
Function
No.
Function
1
GND
3
GND
2
OUT
4
IN
LW
T
a
b
c
d
Inches
0.079 ± .006
0.049± .004
0.037 ± .004
0.051 ± .006
0.012 ± .006
0.010 ± .006
0.014 ± .006
mm
2.0 ± 0.15
1.25 ± 0.10
0.95 ± 0.10
1.30 ± 0.15
0.30 ± 0.15
0.25 ± 0.15
0.35 ± 0.15


Similar Part No. - 5515BP15B725

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5515BP15B725E JOHANSON-5515BP15B725E Datasheet
439Kb / 2P
   5.5 GHz Band Pass Filter
More results

Similar Description - 5515BP15B725

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5487BP15B675 JOHANSON-5487BP15B675 Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15C725E JOHANSON-5515BP15C725E Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15C725 JOHANSON-5515BP15C725 Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
5487BP15C675 JOHANSON-5487BP15C675 Datasheet
106Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B730 JOHANSON-5515BP15B730 Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B975 JOHANSON-5515BP15B975 Datasheet
897Kb / 2P
   5.5 GHz Band Pass Filter
5487BP15B675E JOHANSON-5487BP15B675E Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B730E JOHANSON-5515BP15B730E Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B975E JOHANSON-5515BP15B975E Datasheet
163Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B725E JOHANSON-5515BP15B725E Datasheet
439Kb / 2P
   5.5 GHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com